Electronic Components Datasheet Search
  English  ▼

X  

ML7396AB Datasheet(PDF) 50 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 50 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
50/140
The follwing is timing chart for CCA determination exclusion under strong signal.
[During IDLE_WAIT counting, detected extremly strong signal. After the given signal is out of averaging target, IDLE
detection case]
[Condition]
CCA normal mode
ADC_CK_SEL ([ADC_CLK_SET: B0 0x08(4)])=0b1 (2MHz)
ED_AVG[2:0] ([ED_CTRL: B0 0x1B(2-0)])=0b011 (ED value 8 times average)
IDLE_WAIT[9:0] ([IDLE_WAIT_L/H: B0 0x17/18(1-0)])=0b00_0000_0111(IDLE detection period 112μs)
ED VALUE>CCA_IGNORE_LEVEL
[Note]
1. After issuing CCA command, transit into no-input state, and exit this state after filter stbilization.
2. When the iput level chnge from no-input to -80dBm, it takes around 32 μs for indicating -80dBm ED value.
ED7
INVALID
ED
(0-7)
ED
(1-8)
ED
(6-13)
ED8
ED13
ED14
0x001
0x006
0b11 (on-going)
0x000
ED
(14-21)
ED
(7-14)
ED value>CCA_IGNORE_LEVEL
detection and reset
Due to extreme strong signal detection,
CCA_RSLT is not indicating IDLE.
CCA_RSLT[1:0]=0b11 do not generate interrupt
ED15
ED
(8-15)
ED21
ED
(22-29)
ED22
ED
(15-22)
0x007
ED29
0b00 (IDLE)
Resume counting due to the extreme
strong signal is out of averaging target.
CCA _RSLT maintains until
IDLE/BUSY detected.
ED value<CCA_IGNORE_LEVEL
ED value <CCA_IGNORE_LEVEL
ED value
●●●
●●●
●●●
●●●
(internal signal)
Average ED value <CCA_TH_LV
(If average ED value >CCA_TH_LL, then BUSY detection.)
ED_Value[7:0]
●●●
●●●
●●●
[ED_RSLT: B0 0x16]
CCA_PROG[9:0]
●●●
●●●
[CCA_PROG_L/H:B0 0x19/1A]
CCA_RSLT[1:0]
0b10 (on-going)
[CCA_CNTRL: B0 0x15(1-0)]
CCA_DONE
[CCA_CNTRL: B0 0x15(2)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com