Electronic Components Datasheet Search
  English  ▼

X  

ML7396AB Datasheet(PDF) 59 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 59 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 62Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 63Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
59/140
●Address filtering function:
ML7396 family has a function to receive RX packet which MAC header has specific code at yellow highlighted field in the
MAC header (IEEE802.15.4) as below. By using [ADDFIL_CNTRL:B2 0x20] register, comparing field is selected from
PANID, 64bit address, 16bit short address or I/G bit. Each specific code are defined by [PANID_L:B2 0x61] to
[SHT_ADDR1_H:B2 0x6E] registers. Source address is out of comparing target.
Byte : 2
1
0 / 2
0/2/8
0 / 2
0/2/8
variable
2
Frame
Sequence
Destination
Destination
Source
Source
Frame
Frame
Control
Number
PAN
Address
PAN
address
payload
Chack
identifier
identifier
sequence
MAC
MAC
payload
footer
Bits : 0-2
3
4
5
6
7-9
10-11
12-13
14-15
Frame
Security
Frame
Ack.
PAN-ID
Dest.
Source
type
enabled
pending
req.
addressing
addressing
mode
mode
Addressing fields
MAC header
Reserved
Frame
Version
Compressio
n
Fig. MAC header and Frame Control Field
Destination Addressing Mode
00: Beacon or Ack Packet (Beacon packet is always received, Ack packet reception can be selectable)
01: Reserved (Does not receive)
10: 16 bits address
11: 64 bits address
Destination.PAN-ID
0xFFFF: Broadcasting, then always receive this packet regardless to address mode.
16 bits address mode: Receive packet if PAN_ID (setting vslue) is matched.
64 bits address mode: Ignoring this field.
Destination Address
16 bit address mode: Receive packet only if short address (setting value) is matched.
64 bit address mode: Receive packet only if 64 bits address is matched, or I/G bit is set to 0b1 (multicast).
References:
When Address Filtering function is enabled, packet analisis will be executed. Therefore when using RX_ACK CANCEL
([AUTO_ACK_SET:B0 0x55(7)]) function, Address Filtering function should be enabled, since packet anlisis is need uted to
detect Ack packet. For details, please refer to [AUTO_ACK_SET:B0 0x55] register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com