Electronic Components Datasheet Search
  English  ▼

X  

ML7396AB Datasheet(PDF) 24 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AB
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AB Datasheet(HTML) 24 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AB Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7396AB Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
24/140
BANK2
Bit
Address
Symbol
7
6
5
4
3
2
1
0
Description
0x00
BANK_SEL
Register access bank selection
0x01-0x11
Reserved
Reserved
0x12
# SYNC_MODE
Bit synchronization mode setting
0x13-0x1d
Reserved
Reserved
0x1e
# PA_ON_ADJ
PA_ON timing adjustment
0x1f
# DATA_IN_ADJ
DATA enable timing adjustment
0x20-0x21
Reserved
Reserved
0x22
# RX_ON_ADJ
RX_ON timing adjustment
0x23
Reserved
Reserved
0x24
# RXD_ADJ
RXD timing adjustment
0x25-0x29
Reserved
Reserved
0x2a
RATE_ADJ1
Demodulator adjustment for optional data rate (low byte)
0x2b
RATE_ADJ2
Demodulator adjustment for optional data rate (high 2 bits)
0x2c
#RAMP_CNTRL
Ramp control enable setting
0x2d-0x5f
Reserved
Reserved
0x60
ADDFILCNTRL
Address filtering function setting
0x61
PANID_L
PANID setting for address filtering function (low byte)
0x62
PANID_H
PANID setting for address filtering function (high byte)
0x63
64ADDR1
64bit address setting for address filtering function (1st byte)
0x64
64ADDR2
64bit address setting for address filtering function (2nd byte)
0x65
64ADDR3
64bit address setting for address filtering function (3rd byte)
0x66
64ADDR4
64bit address setting for address filtering function (4th byte)
0x67
64ADDR5
64bit address setting for address filtering function (5th byte)
0x68
64ADDR6
64bit address setting for address filtering function (6th byte)
0x69
64ADDR7
64bit address setting for address filtering function (7th byte)
0x6a
64ADDR8
64bit address setting for address filtering function (8th byte)
0x6b
SHT_ADDR0_L
Short address #0 setting for address filtering function (low byte)
0x6c
SHT_ADDR0_H
Short address #0 setting for address filtering function (high byte)
0x6d
SHT_ADDR1_L
Short address #1 setting for address filtering function (low byte)
0x6e
SHT_ADDR1_H
Short address #1 setting for address filtering function (high byte)
0x6f
DISCARD_COUNT_L
Discarded packet number indication by address filtering (low byte)
0x70
DISCARD_COUNT_H
Discarded packet number indication by address filtering (high byte)
0x71-0x7f
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com