Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 158 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 158 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 154Page - Dallas Semiconductor DS2155 Datasheet HTML 155Page - Dallas Semiconductor DS2155 Datasheet HTML 156Page - Dallas Semiconductor DS2155 Datasheet HTML 157Page - Dallas Semiconductor DS2155 Datasheet HTML 158Page - Dallas Semiconductor DS2155 Datasheet HTML 159Page - Dallas Semiconductor DS2155 Datasheet HTML 160Page - Dallas Semiconductor DS2155 Datasheet HTML 161Page - Dallas Semiconductor DS2155 Datasheet HTML 162Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 262 page
background image
DS2156
158 of 262
Register Name:
SR1
Register Description:
Status Register 1
Register Address:
16h
Bit #
7
6
5
4
3
2
1
0
Name
ILUT
TIMER
RSCOS
JALT
LRCL
TCLE
TOCD
LOLITC
Default
0
0
0
0
0
0
0
0
Bit 0/Loss of Line-Interface Transmit-Clock Condition (LOLITC). Set when TCLKI has not transitioned for
one channel time. This is a double interrupt bit (Section 6.2).
Bit 1/Transmit Open-Circuit Detect Condition (TOCD). Set when the device detects that the TTIP and TRING
outputs are open-circuited. This is a double interrupt bit (Section 6.2).
Bit 2/Transmit Current-Limit Exceeded Condition (TCLE). Set when the 50mA (RMS) current limiter is
activated, whether the current limiter is enabled or not. This is a double interrupt bit (Section 6.2).
Bit 3/Line Interface Receive Carrier-Loss Condition (LRCL). Set when the carrier signal is lost. This is a
double interrupt bit (Section 6.2).
Bit 4/Jitter Attenuator Limit Trip Event (JALT). Set when the jitter attenuator FIFO reaches to within 4 bits of
its useful limit. This bit is cleared when read. Useful for debugging jitter attenuation operation.
Bit 5/Receive Signaling Change-of-State Event (RSCOS). Set when any channel selected by the receive
signaling change-of-state interrupt-enable registers (RSCSE1 through RSCSE4) changes signaling state.
Bit 6/Timer Event (TIMER). Follows the error-counter update interval as determined by the ECUS bit in the
error-counter configuration register (ERCNT).
T1: set on increments of 1 second or 42ms based on RCLK
E1: set on increments of 1 second or 62.5ms based on RCLK
Bit 7/Input Level Under Threshold (ILUT). This bit is set whenever the input level at RTIP and RRING falls
below the threshold set by the value in CCR4.4 through CCR4.7. The level must remain below the programmed
threshold for approximately 50ms for this bit to be set. This is a double interrupt bit (Section 6.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com