Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 155 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 155 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 151Page - Dallas Semiconductor DS2155 Datasheet HTML 152Page - Dallas Semiconductor DS2155 Datasheet HTML 153Page - Dallas Semiconductor DS2155 Datasheet HTML 154Page - Dallas Semiconductor DS2155 Datasheet HTML 155Page - Dallas Semiconductor DS2155 Datasheet HTML 156Page - Dallas Semiconductor DS2155 Datasheet HTML 157Page - Dallas Semiconductor DS2155 Datasheet HTML 158Page - Dallas Semiconductor DS2155 Datasheet HTML 159Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 262 page
background image
DS2156
155 of 262
Register Name:
LIC3
Register Description:
Line Interface Control 3
Register Address:
7Ah
Bit #
7
6
5
4
3
2
1
0
Name
—
TCES
RCES
MM1
MM0
RSCLKE TSCLKE
TAOZ
Default
0
0
0
0
0
0
0
0
Bit 0/Transmit Alternate Ones and Zeros (TAOZ). Transmit a …101010… pattern (customer disconnect
indication signal) at TTIP and TRING. The transmission of this data pattern is always timed off of TCLK.
0 = disabled
1 = enabled
Bit 1/Transmit Synchronization G.703 Clock Enable (TSCLKE)
0 = disable 1.544MHz (T1)/2.048MHz (E1) transmit synchronization clock
1 = enable 1.544MHz (T1)/2.048MHz (E1) transmit synchronization clock
Bit 2/Receive Synchronization G.703 Clock Enable (RSCLKE)
0 = disable 1.544MHz (T1)/2.048MHz (E1) synchronization receive mode
1 = enable 1.544MHz (T1)/2.048MHz (E1) synchronization receive mode
Bits 3 to 4/Monitor Mode (MM0 to MM1)
MM1
MM0
Internal Linear Gain Boost
(dB)
0
0
Normal operation (no boost)
0
1
20
1
0
26
1
1
32
Bit 5/Receive-Clock Edge Select (RCES). Selects which RCLKO edge to update RPOSO and RNEGO.
0 = update RPOSO and RNEGO on rising edge of RCLKO
1 = update RPOSO and RNEGO on falling edge of RCLKO
Bit 6/Transmit-Clock Edge Select (TCES). Selects which TCLKI edge to sample TPOSI and TNEGI.
0 = sample TPOSI and TNEGI on falling edge of TCLKI
1 = sample TPOSI and TNEGI on rising edge of TCLKI
Bit 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com