Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 152 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 152 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 148Page - Dallas Semiconductor DS2155 Datasheet HTML 149Page - Dallas Semiconductor DS2155 Datasheet HTML 150Page - Dallas Semiconductor DS2155 Datasheet HTML 151Page - Dallas Semiconductor DS2155 Datasheet HTML 152Page - Dallas Semiconductor DS2155 Datasheet HTML 153Page - Dallas Semiconductor DS2155 Datasheet HTML 154Page - Dallas Semiconductor DS2155 Datasheet HTML 155Page - Dallas Semiconductor DS2155 Datasheet HTML 156Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 262 page
background image
DS2156
152 of 262
23.4 MCLK Prescaler
A 16.384MHz, 8.192MHz, 4.096MHz, 2.048MHz, or 1.544MHz clock must be applied at MCLK. ITU
specification G.703 requires an accuracy of ±50ppm for both T1 and E1. TR62411 and ANSI
specifications require an accuracy of ±32ppm for T1 interfaces. A prescaler divides the 16MHz, 8MHz,
or 4MHz clock down to 2.048MHz. There is an on-board PLL for the jitter attenuator, which converts the
2.048MHz clock to a 1.544MHz rate for T1 applications. Setting JAMUX (LIC2.3) to a logic 0 bypasses
this PLL.
23.5 Jitter Attenuator
The DS2156 contains an on-board jitter attenuator that can be set to a depth of either 32 or 128 bits
through the JABDS bit (LIC1.2). The 128-bit mode is used in applications where large excursions of
wander are expected. The 32-bit mode is used in delay-sensitive applications. The characteristics of the
attenuation are shown in Figure 23-9. The jitter attenuator can be placed in either the receive path or the
transmit path by appropriately setting or clearing the JAS bit (LIC1.3). Setting the DJA bit (LIC1.1)
disables (in effect, removes) the jitter attenuator. On-board circuitry adjusts either the recovered clock
from the clock/data recovery block or the clock applied at the TCLK pin to create a smooth jitter-free
clock that is used to clock data out of the jitter attenuator FIFO. It is acceptable to provide a
gapped/bursty clock at the TCLK pin if the jitter attenuator is placed on the transmit side. If the incoming
jitter exceeds either 120UIP-P (buffer depth is 128 bits) or 28UIP-P (buffer depth is 32 bits), then the
DS2156 divides the internal nominal 32.768MHz (E1) or 24.704MHz (T1) clock by either 15 or 17
instead of the normal 16 to keep the buffer from overflowing. When the device divides by either 15 or 17,
it also sets the jitter attenuator limit trip (JALT) bit in Status Register 1 (SR1.4).
23.6 CMI (Code Mark Inversion) Option
The DS2156 provides a CMI interface for connection to optical transports. This interface is a unipolar
1T2B signal type. Ones are encoded as either a logical 1 or 0 level for the full duration of the clock
period. Zeros are encoded as a 0-to-1 transition at the middle of the clock period.
Figure 23-2. CMI Coding
Transmit and receive CMI are enabled through LIC4.7. When this register bit is set, the TTIP pin outputs
CMI-coded data at normal levels. This signal can be used to directly drive an optical interface. When
CMI is enabled, the user can also use HDB3/B8ZS coding. When this register bit is set, the RTIP pin
becomes a unipolar CMI input. The CMI signal is processed to extract and align the clock with data.
0
1
11
00
1
CLOCK
DATA
CMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com