Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 165 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 165 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 161Page - Dallas Semiconductor DS2155 Datasheet HTML 162Page - Dallas Semiconductor DS2155 Datasheet HTML 163Page - Dallas Semiconductor DS2155 Datasheet HTML 164Page - Dallas Semiconductor DS2155 Datasheet HTML 165Page - Dallas Semiconductor DS2155 Datasheet HTML 166Page - Dallas Semiconductor DS2155 Datasheet HTML 167Page - Dallas Semiconductor DS2155 Datasheet HTML 168Page - Dallas Semiconductor DS2155 Datasheet HTML 169Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 262 page
background image
DS2156
165 of 262
Figure 23-9. Jitter Attenuation (T1 Mode)
Figure 23-10. Jitter Attenuation (E1 Mode)
FREQUENCY (Hz)
0dB
-20dB
-40dB
-60dB
1
10
100
1K
10K
100K
ITU G.7XX
Prohibited Area
TBR12
Prohibited
Area
DS2156
E1 MODE
FREQUENCY (Hz)
0dB
-20dB
-40dB
-60dB
1
10
100
1K
10K
100K
TR 62411 (Dec. 90)
Prohibited Area
DS2156
T1 MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com