| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 167 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 167 Page - Dallas Semiconductor |
|
167 / 262 page ![]() DS2156 167 of 262 24. UTOPIA BACKPLANE INTERFACE 24.1 Description The DS2156’s UTOPIA interface maps the ATM cells in a T1/E1 frame in the transmit direction as per ATM Forum Specifications af-phy-0016.000 [1] and af-phy-0064.000 [2] and recovers them in the receive direction from a similar mapping. In the receive direction, the cell delineation mechanism used for finding ATM cell boundaries within a T1/E1 frame is performed as per ITU-T I.432 [4]. The terms “physical layer (PHY)” and “line side” are used synonymously in this document and refer to the device interface with the line side of the DS2156. The terms “ATM layer” and “system side” are used synonymously and refer to the UTOPIA-II interface of the DS2156. The transmit section receives cells from the ATM layer through the UTOPIA-II interface. It writes the cells into a 4-cell-deep transmit FIFO that is used for rate decoupling. The FIFO’s depth is programmable to two, three, or four ATM cells. The cells are mapped into the T1/E1 frame as per [1] and [2]. The DS2156 can be configured to perform valid HEC insertion and payload scrambling. The receive section delineates the cells from the data received from the PHY layer as per [4]. Once cells are delineated, they are written into a 4-cell-deep receive FIFO used for rate decoupling. The receive section interfaces with the ATM layer through the UTOPIA-II interface. It can also be configured to perform payload descrambling and idle/unassigned cell filtering. Single-bit HEC error correction is also supported. 24.1.1 List of Applicable Standards 1) ATM Forum “DS1 Physical Layer Specification,” af-phy-0016.000, September 1994 2) ATM Forum “E1 Physical Layer Specification,” af-phy-0064.000, September 1996 3) ATM Forum “UTOPIA Level 2 Specification,” Version 1.0, af-phy-0039.000, June 1995 4) B-ISDN User-Network Interface—Physical Layer Specification—ITU-T Recommendation I.432– 03/93 24.1.2 Acronyms and Definitions ACRONYM DEFINITION ATM Asynchronous Transfer Mode CRC Cyclic Redundancy Check HEC Header Error Check LCD Loss-of-Cell Delineation OAM Operations Administration and Maintenance OCD Out-of-Loss Delineation PMON Performance Monitoring UTOPIA Universal Test and Operations PHY Interface for ATM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |