Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 228 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 228 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 224Page - Dallas Semiconductor DS2155 Datasheet HTML 225Page - Dallas Semiconductor DS2155 Datasheet HTML 226Page - Dallas Semiconductor DS2155 Datasheet HTML 227Page - Dallas Semiconductor DS2155 Datasheet HTML 228Page - Dallas Semiconductor DS2155 Datasheet HTML 229Page - Dallas Semiconductor DS2155 Datasheet HTML 230Page - Dallas Semiconductor DS2155 Datasheet HTML 231Page - Dallas Semiconductor DS2155 Datasheet HTML 232Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 262 page
background image
DS2156
228 of 262
Table 33-A. Instruction Codes for IEEE 1149.1 Architecture
INSTRUCTION
SELECTED REGISTER
INSTRUCTION CODES
SAMPLE/PRELOAD
Boundary Scan
010
BYPASS
Bypass
111
EXTEST
Boundary Scan
000
CLAMP
Bypass
011
HIGHZ
Bypass
100
IDCODE
Device Identification
001
SAMPLE/PRELOAD
This is a mandatory instruction for the IEEE 1149.1 specification that supports two functions. The digital
I/Os of the device can be sampled at the boundary scan register without interfering with the normal
operation of the device by using the Capture-DR state. SAMPLE/PRELOAD also allows the device to
shift data into the boundary scan register through JTDI using the Shift-DR state.
BYPASS
When the BYPASS instruction is latched into the parallel instruction register, JTDI connects to JTDO
through the 1-bit bypass test register. This allows data to pass from JTDI to JTDO without affecting the
device’s normal operation.
EXTEST
This allows testing of all interconnections to the device. When the EXTEST instruction is latched in the
instruction register, the following actions occur: Once enabled through the Update-IR state, the parallel
outputs of all digital output pins are driven. The boundary scan register is connected between JTDI and
JTDO. The Capture-DR samples all digital inputs into the boundary scan register.
CLAMP
All digital outputs of the device output data from the boundary scan parallel output while connecting the
bypass register between JTDI and JTDO. The outputs do not change during the CLAMP instruction.
HIGHZ
All digital outputs of the device are placed in a high-impedance state. The BYPASS register is connected
between JTDI and JTDO.
IDCODE
When the IDCODE instruction is latched into the parallel instruction register, the identification test
register is selected. The device identification code is loaded into the identification register on the rising
edge of JTCLK following entry into the Capture-DR state. Shift-DR can be used to shift the identification
code out serially through JTDO. During Test-Logic-Reset, the identification code is forced into the
instruction register’s parallel output. The ID code always has a 1 in the LSB position. The next 11 bits
identify the manufacturer’s JEDEC number and number of continuation bytes followed by 16 bits for the
device and 4 bits for the version (Table 33-B). Table 33-C lists the device ID codes for the SCT devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com