Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 229 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 229 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 225Page - Dallas Semiconductor DS2155 Datasheet HTML 226Page - Dallas Semiconductor DS2155 Datasheet HTML 227Page - Dallas Semiconductor DS2155 Datasheet HTML 228Page - Dallas Semiconductor DS2155 Datasheet HTML 229Page - Dallas Semiconductor DS2155 Datasheet HTML 230Page - Dallas Semiconductor DS2155 Datasheet HTML 231Page - Dallas Semiconductor DS2155 Datasheet HTML 232Page - Dallas Semiconductor DS2155 Datasheet HTML 233Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 262 page
background image
DS2156
229 of 262
Table 33-B. ID Code Structure
MSB
LSB
Version
Contact Factory
Device ID
JEDEC
1
4 bits
16 bits
00010100001
1
Table 33-C. Device ID Codes
PART
16-BIT ID
DS2156
0019h
DS2155
0010h
DS21354
0005h
DS21564
0003h
DS21352
0004h
DS21562
0002h
33.3 Test Registers
IEEE 1149.1 requires a minimum of two test registers, the boundary scan register and the bypass register.
An optional test register, the identification register, has been included with the DS2156 design. It is used
with the IDCODE instruction and the Test-Logic-Reset state of the TAP controller.
33.4 Boundary Scan Register
This register contains both a shift register path and a latched parallel output for all control cells and digital
I/O cells. It is n bits in length. See Table 33-D for cell bit locations and definitions.
33.5 Bypass Register
This is a single one-bit shift register used with the BYPASS, CLAMP, and HIGH-Z instructions that
provides a short path between JTDI and JTDO.
33.6 Identification Register
The identification register contains a 32-bit shift register and a 32-bit latched parallel output. This register
is selected during the IDCODE instruction and when the TAP controller is in the Test-Logic-Reset state.
See Table 33-B and Table 33-C for more information on bit usage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com