Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 233 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 233 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 229Page - Dallas Semiconductor DS2155 Datasheet HTML 230Page - Dallas Semiconductor DS2155 Datasheet HTML 231Page - Dallas Semiconductor DS2155 Datasheet HTML 232Page - Dallas Semiconductor DS2155 Datasheet HTML 233Page - Dallas Semiconductor DS2155 Datasheet HTML 234Page - Dallas Semiconductor DS2155 Datasheet HTML 235Page - Dallas Semiconductor DS2155 Datasheet HTML 236Page - Dallas Semiconductor DS2155 Datasheet HTML 237Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 262 page
background image
DS2156
233 of 262
34.
FUNCTIONAL TIMING DIAGRAMS
34.1 T1 Mode
Figure 34-1. Receive-Side D4 Timing
Note 1: RSYNC in the frame mode (IOCR1.5 = 0) and double-wide frame sync is not enabled (IOCR1.6 = 0).
Note 2: RSYNC in the frame mode (IOCR1.5 = 0) and double-wide frame sync is enabled (IOCR1.6 = 1).
Note 3: RSYNC in the multiframe mode (IOCR1.5 = 1).
Note 4: RLINK data (Fs bits) is updated one bit prior to even frames and held for two frames.
Figure 34-2. Receive-Side ESF Timing
Note 1: RSYNC in frame mode (IOCR1.4 = 0) and double-wide frame sync is not enabled (IOCR1.6 = 0).
Note 2: RSYNC in frame mode (IOCR1.4 = 0) and double-wide frame sync is enabled (IOCR1.6 = 1).
Note 3: RSYNC in multiframe mode (IOCR1.4 = 1).
Note 4: ZBTSI mode disabled (T1RCR2.2 = 0).
Note 5: RLINK data (FDL bits) is updated one bit time before odd frames and held for two frames.
Note 6: ZBTSI mode is enabled (T1RCR2.2 = 1).
Note 7: RLINK data (Z bits) is updated one bit time before odd frames and held for four frames.
FRAME#
1
2345
6789
10
11
12
12
345
4
RLINK
RLCLK
3
RSYNC
1
RSYNC
RFSYNC
2
RSYNC
1
2345
6789 10 11 12
1
2
3
6
RFSYNC
FRAME#
TLCLK
RSYNC
RSYNC
RSYNC
TLINK
13 14 15 16 17 18 19 20 21 22 23 24 1
2345
4
RLCLK
RLINK
5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com