Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 234 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 234 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 230Page - Dallas Semiconductor DS2155 Datasheet HTML 231Page - Dallas Semiconductor DS2155 Datasheet HTML 232Page - Dallas Semiconductor DS2155 Datasheet HTML 233Page - Dallas Semiconductor DS2155 Datasheet HTML 234Page - Dallas Semiconductor DS2155 Datasheet HTML 235Page - Dallas Semiconductor DS2155 Datasheet HTML 236Page - Dallas Semiconductor DS2155 Datasheet HTML 237Page - Dallas Semiconductor DS2155 Datasheet HTML 238Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 262 page
background image
DS2156
234 of 262
Figure 34-3. Receive-Side Boundary Timing (with elastic store disabled)
Note 1: RCHBLK is programmed to block channel 24.
Note 2: Shown is RLINK/RLCLK in the ESF framing mode.
Figure 34-4. Receive-Side 1.544MHz Boundary Timing (with Elastic Store
Enabled)
Note 1: RSYNC is in the output mode (IOCR1.4 = 0).
Note 2: RSYNC is in the input mode (IOCR1.4 = 1).
Note 3: RCHBLK is programmed to block channel 24.
CHANNEL 23
CHANNEL 24
CHANNEL 1
CHANNEL 23
CHANNEL 24
CHANNEL 1
RCLK
RSER
RSYNC
RFSYNC
RSIG
RCHCLK
RCHBLK1
RLCLK
RLINK 2
B
A
C/A D/B
A
C/A D/B
LSB
F
MSB
MSB
LSB
AB
RSER
CHANNEL 23
CHANNEL 24
CHANNEL 1
RCHCLK
RCHBLK
RSYSCLK
RSYNC2
3
RSYNC1
RMSYNC
RSIG
LSB
F
MSB
MSB
LSB
CHANNEL 23
CHANNEL 24
CHANNEL 1
B
A
C/A D/B
A
C/A D/B
AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com