Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 238 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 238 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 234Page - Dallas Semiconductor DS2155 Datasheet HTML 235Page - Dallas Semiconductor DS2155 Datasheet HTML 236Page - Dallas Semiconductor DS2155 Datasheet HTML 237Page - Dallas Semiconductor DS2155 Datasheet HTML 238Page - Dallas Semiconductor DS2155 Datasheet HTML 239Page - Dallas Semiconductor DS2155 Datasheet HTML 240Page - Dallas Semiconductor DS2155 Datasheet HTML 241Page - Dallas Semiconductor DS2155 Datasheet HTML 242Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 262 page
background image
DS2156
238 of 262
34.2 E1 Mode
Figure 34-11. Receive-Side Timing
Note 1: RSYNC in frame mode (IOCR1.5 = 0).
Note 2: RSYNC in multiframe mode (IOCR1.5 = 1).
Note 3: RLCLK is programmed to output just the Sa bits.
Note 4: RLINK always outputs all five Sa bits as well as the rest of the receive data stream.
Note 5: This diagram assumes the CAS MF begins in the RAF frame.
Figure 34-12. Receive-Side Boundary Timing (with Elastic Store Disabled)
Note 1: RCHBLK is programmed to block channel 1.
Note 2: RLCLK is programmed to mark the Sa4 bit in RLINK.
Note 3: Shown is a RNAF frame boundary.
Note 4: RSIG normally contains the CAS multiframe alignment nibble (0000) in channel 1.
CHANNEL 32
CHANNEL 1
CHANNEL 2
CHANNEL 32
CHANNEL 1
CHANNEL 2
RCLK
RSER
RSYNC
RFSYNC
RSIG
RCHCLK
RCHBLK
1
RLCLK
RLINK
2
CD
A
LSB
MSB
AB
Si
1
A Sa4 Sa5 Sa6 Sa7 Sa8
Sa4 Sa5 Sa6 Sa7 Sa8
B
Note 4
FRAME#
1
2
3456
789
10
11
12 13
14
15
16
1
4
RLINK
RLCLK
3
RSYNC
1
RSYNC
RFSYNC
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com