Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 239 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 239 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 235Page - Dallas Semiconductor DS2155 Datasheet HTML 236Page - Dallas Semiconductor DS2155 Datasheet HTML 237Page - Dallas Semiconductor DS2155 Datasheet HTML 238Page - Dallas Semiconductor DS2155 Datasheet HTML 239Page - Dallas Semiconductor DS2155 Datasheet HTML 240Page - Dallas Semiconductor DS2155 Datasheet HTML 241Page - Dallas Semiconductor DS2155 Datasheet HTML 242Page - Dallas Semiconductor DS2155 Datasheet HTML 243Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 262 page
background image
DS2156
239 of 262
Figure 34-13. Receive-Side Boundary Timing, RSYSCLK = 1.544MHz (Elastic
Store Enabled)
Note 1: Data from the E1 channels 1, 5, 9, 13, 17, 21, 25, and 29 is dropped (channel 2 from the E1 link is mapped to channel 1 of the T1 link,
etc.) and the F-bit position is added (forced to on 1).
Note 2: RSYNC in the output mode (IOCR1.4 = 0).
Note 3: RSYNC in the input mode (IOCR1.4 = 1).
Note 4: RCHBLK is programmed to block channel 24.
Figure 34-14. Receive-Side Boundary Timing, RSYSCLK = 2.048MHz (Elastic
Store Enabled)
Note 1: RSYNC is in the output mode (IOCR1.4 = 0).
Note 2: RSYNC is in the input mode (IOCR1.4 = 1).
Note 3: RCHBLK is programmed to block channel 1.
Note 4: RSIG normally contains the CAS multiframe alignment nibble (0000) in channel 1.
RSER
CHANNEL 23/31
CHANNEL 24/32
CHANNEL 1/2
RCHCLK
RCHBLK
RSYSCLK
RSYNC
2
3
RSYNC
1
RMSYNC
LSB
F
MSB
MSB
LSB
4
RSER
CHANNEL 1
RCHCLK
RCHBLK
RSYSCLK
RSYNC
CHANNEL 31
CHANNEL 32
1
3
RSYNC
2
RMSYNC
RSIG
CHANNEL 31
CHANNEL 32
C
D
AB
CHANNEL 1
LSB MSB
LSB MSB
C
D
B
A
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com