Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 240 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 240 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 236Page - Dallas Semiconductor DS2155 Datasheet HTML 237Page - Dallas Semiconductor DS2155 Datasheet HTML 238Page - Dallas Semiconductor DS2155 Datasheet HTML 239Page - Dallas Semiconductor DS2155 Datasheet HTML 240Page - Dallas Semiconductor DS2155 Datasheet HTML 241Page - Dallas Semiconductor DS2155 Datasheet HTML 242Page - Dallas Semiconductor DS2155 Datasheet HTML 243Page - Dallas Semiconductor DS2155 Datasheet HTML 244Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 262 page
background image
DS2156
240 of 262
Figure 34-15. Receive IBO Channel Interleave Mode Timing
Note 1: 4.096MHz bus configuration.
Note 2: 8.192MHz bus configuration.
Note 3: 16.384MHz bus configuration.
Note 4: RSYNC is in the input mode (IOCR1.4 = 0).
RSER
LSB
RSYSCLK
RSYNC
FRAMER2, CHANNEL 32
MSB
LSB
FRAMER 1, CHANNEL 1
RSIG
FRAMER2, CHANNEL 32
FRAMER 1, CHANNEL 1
MSB
LSB
FRAMER2, CHANNEL 1
FRAMER2, CHANNEL 1
4
RSER
RSYNC
RSIG
RSER
RSIG
F3 32
F4 32
F1 C1
F2 C1
F3 C1
F4 C1
F1 C2
F2 C2
F3 C2
F4 C2
1
1
2
2
BIT LEVEL DETAIL (4.096MHz bus configurtation)
F2 C32
F1 C1
F2 C1
F1 C2
F2 C2
F2 C32
F1 C1
F2 C1
F1 C2
F2 C2
F3 C32
F4 C32
F1 C1
F2 C1
F3 C1
F4 C1
F1 C2
F2 C2
F3 C2
F4 C2
ABC
D
ABC
D
ABC
D
RSER
RSIG
3
3
F1
C1
F2
C1
F3
C1
F4
C1
F5
C1
F6
C1
F7
C1
F8
C1
F1
C2
F2
C2
F3
C2
F4
C2
F5
C2
F6
C2
F7
C2
F8
C2
F5
C32
F6
C32
F7
C32
F8
C32
F1
C1
F2
C1
F3
C1
F4
C1
F5
C1
F6
C1
F7
C1
F8
C1
F1
C2
F2
C2
F3
C2
F4
C2
F5
C2
F6
C2
F7
C2
F8
C2
F5
C32
F6
C32
F7
C32
F8
C32
FRAMER #1, CHANNEL #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com