Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 248 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 248 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 244Page - Dallas Semiconductor DS2155 Datasheet HTML 245Page - Dallas Semiconductor DS2155 Datasheet HTML 246Page - Dallas Semiconductor DS2155 Datasheet HTML 247Page - Dallas Semiconductor DS2155 Datasheet HTML 248Page - Dallas Semiconductor DS2155 Datasheet HTML 249Page - Dallas Semiconductor DS2155 Datasheet HTML 250Page - Dallas Semiconductor DS2155 Datasheet HTML 251Page - Dallas Semiconductor DS2155 Datasheet HTML 252Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 262 page
background image
DS2156
248 of 262
DC CHARACTERISTICS
(VDD = 3.3V ±5%, TA = 0°C to +70°C for DS2156L; VDD = 3.3V ±5%, TA = -40°C to +85°C for DS2156LN.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
IDD
(Note 4)
75
mA
Input Leakage
IIL
(Note 5)
-1.0
+1.0
mA
Output Leakage
ILO
(Note 6)
1.0
mA
Output Current (2.4V)
IOH
-1.0
mA
Output Current (0.4V)
IOL
+4.0
mA
Note 1: The package is mounted on a four-layer JEDEC standard test board.
Note 2: Theta-JA (
qJA) is the junction to ambient thermal resistance, when the package is mounted on a four-layer JEDEC standard test board.
Note 3: Applies to RVDD, TVDD, and DVDD.
Note 4: TCLK = TCLKI = RCLKI = TSYSCLK = RSYSCLK = MCLK = 1.544MHz; outputs open-circuited.
Note 5: 0.0V < VIN < VDD
Note 6: Applied to
INT when three-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com