Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 247 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 247 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 243Page - Dallas Semiconductor DS2155 Datasheet HTML 244Page - Dallas Semiconductor DS2155 Datasheet HTML 245Page - Dallas Semiconductor DS2155 Datasheet HTML 246Page - Dallas Semiconductor DS2155 Datasheet HTML 247Page - Dallas Semiconductor DS2155 Datasheet HTML 248Page - Dallas Semiconductor DS2155 Datasheet HTML 249Page - Dallas Semiconductor DS2155 Datasheet HTML 250Page - Dallas Semiconductor DS2155 Datasheet HTML 251Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 262 page
background image
DS2156
247 of 262
35.
OPERATING PARAMETERS
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-1.0V to +6.0V
Operating Temperature Range for DS2156L
0
°C to +70°C
Operating Temperature Range for DS2156LN
-40
°C to +85°C
Storage Temperature Range
-55
°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient Temperature
(Note 1)
-40°C
+85
°C
Junction Temperature
+125
°C
Theta-JA (
qJA) in Still Air for
100-Pin LQFP
(Note 2)
+32
°C/W
THETA-JA (
qJA) vs. AIRFLOW
FORCED AIR
(meters per second)
THETA-JA (
qJA)
100-PIN LQFP
0
+32
°C/W
1
+27
°C/W
2.5
+24
°C/W
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0
°C to +70°C for DS2156L; TA = -40°C to +85°C for DS2156LN.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 1
VIH
2.0
5.5
V
Logic 0
VIL
-0.3
+0.8
V
Supply
VDD
(Note 3)
3.135
3.3
3.465
V
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com