Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI3021 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Si 30 35
4
Rev. 1.2
Electrical Specifications
Figure 1. Test Circuit for Loop Characteristics
Table 1. Recommended Operating Conditions
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
K-Grade
0
25
70
°C
Si3021 Supply Voltage, Analog
VA
4.75
5.0
5.25
V
Si3021 Supply Voltage, Digital3
VD
3.0
3.3/5.0
5.25
V
Notes:
1. The Si3035 specifications are guaranteed when the typical application circuit (including component
tolerances) and any Si3021 and any Si3012 are used. See Figure 16 on page 15 for typical application
circuit.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. The digital supply, VD, can operate from either 3.3 V or 5.0 V. The Si3021 supports interface to 3.3 V logic when
operating from 3.3 V. The 3.3 V operation applies to both the serial port and the digital signals
RGDT, OFHK, RESET, M0, and M1.
Table 2. Loop Characteristics
(VA = Charge Pump, VD = +3.3 V ± 0.3 V, TA = 0 to 70°C for K-Grade, Refer to Figure 1)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL = 20 mA
—
—
7.7
V
DC Termination Voltage
VTR
IL = 105 mA
12
—
—
V
DC Ring Current (with caller ID)
IRDC
——
1
mA
DC Ring Current (w/o caller ID)
IRDC
——
20
µA
AC Termination Impedance
ZACT
—600
—
Ω
Operating Loop Current
ILP
20
—
120
mA
Loop Current Sense Bits
LCS
LCS = Fh
180
155
—
mA
Ring Voltage Detect
VRD
13
18
26
VRMS
Ring Frequency
FR
15
—
68
Hz
On-Hook Leakage Current
ILK
VBAT = –48 V
—
—
1
µA
Ringer Equivalence Num. (with caller ID)
REN
—
1.0
1.67
—
Ringer Equivalence Num. (w/o caller ID)
REN
—
0.2
—
—
TIP
RING
+
–
Si3012 VTR
600
Ω
10
µF
I
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com