Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Si3035
Rev. 1.2
11
Table 11. Digital FIR Filter Characteristics—Transmit and Receive
(VA = Charge Pump, VD = +5 V ±5%, Sample Rate = 8 kHz, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (0.1 dB)
F(0.1 dB)
0—
3.3
kHz
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.1
—
0.1
dB
Stopband
—
4.4
—
kHz
Stopband Attenuation
–74
—
—
dB
Group Delay
tgd
—
12/Fs
—
sec
Note: Typical FIR filter characteristics for Fs = 8000 Hz are shown in Figures 6, 7, 8, and 9.
Table 12. Digital IIR Filter Characteristics—Transmit and Receive
(VA = Charge Pump, VD = +5 V ±5%, Sample Rate = 8 kHz, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Min
Typ
Max
Unit
Passband (3 dB)
F(3 dB)
0—
3.6
kHz
Passband Ripple Peak-to-Peak
–0.2
—
0.2
dB
Stopband
—
4.4
—
kHz
Stopband Attenuation
–40
—
—
dB
Group Delay
tgd
—
1.6/Fs
—
sec
Note: Typical IIR filter characteristics for Fs = 8000 Hz are shown in Figures 10, 11, 12, and 13. Figures 14 and 15 show
group delay versus input frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com