Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 39Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 40Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 41Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 42Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 43Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 44Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 45Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 46Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Si3035
Rev. 1.2
43
Reset settings = 0000_0000
Register 15.TX/RX Gain Control
Bit
D7
D6D5D4D3
D2D1D0
Name
TXM
ATX2
ATX1
ATX0
RXM
ARX2
ARX1
ARX0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
7TXM
Transmit Mute.
0 = Transmit signal is not muted.
1 = Mutes the transmit signal.
6:4
ATX[2:0]
Analog Transmit Attenuation.
000 = 0 dB attenuation.
001 = 3 dB attenuation.
010 = 6 dB attenuation.
011 = 9 dB attenuation.
1xx = 12 dB attenuation.
Note: Register 13 ATX bit must be 0 if these bits are used.
3RXM
Receive Mute.
0 = Receive signal is not muted.
1 = Mutes the receive signal.
2:0
ARX[2:0]
Analog Receive Gain.
000 = 0 dB gain.
001 = 3 dB gain.
010 = 6 dB gain.
011 = 9 dB gain
1xx = 12 dB gain.
Note: Register 13 ARX bit must be 0 if these bits are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com