Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Si 30 35
6
Rev. 1.2
Table 5. AC Characteristics
(VA = Charge Pump, VD = +3.3 V ± 0.3 V, TA = 0 to 70°C for K-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Sample Rate1
Fs
Fs = FPLL2/5120
7.2
—
11.025
kHz
PLL1 Output Clock Frequency
FPLL1
FPLL1 = FMCLK " M1/N1
36
—
58
MHz
Transmit Frequency Response
Low –3 dB corner
—
16
—
Hz
Receive Frequency Response
Low –3 dB corner
—
16
—
Hz
Transmit Full Scale Level2 (0 dB gain)
VTX
—0.98
—
VPEAK
Receive Full Scale Level 2,3 (0 dB gain)
VRX
—0.98
—
VPEAK
Dynamic Range4
DR
VIN = 1 kHz, –3 dBFS
80
86
—
dB
Dynamic Range5
DR
VIN = 1 kHz, –3 dBFS
—
84
—
dB
Total Harmonic Distortion6
THD
VIN = 1 kHz, –3 dBFS
—
–84
—
dB
Dynamic Range (call progress AOUT)
DRAO
VIN = 1 kHz
60
—
—
dB
THD (call progress AOUT)
THDAO
VIN = 1 kHz
—
1.0
—
%
AOUT Full Scale Level
—
0.75 VD
—VPP
AOUT Output Impedance
—
10
—
k
Ω
Mute Level (call progress AOUT)
–90
—
—
dB
Dynamic Range (caller ID mode)
DRCID
VIN = 1 kHz, –13 dBFS
—
60
—
dB
Caller ID Full Scale Level (0 dB gain)2
VCID
—0.8
—
VPEAK
Notes:
1. See Figure 23 on page 22.
2. Parameter measured at TIP and RING of Figure 16 on page 15.
3. Receive Full Scale Level will produce – 0.9 dBFS at SDO.
4. DR = 3 dB + 20 log (RMS signal/RMS noise). Applies to both the transmit and receive paths. Measurement bandwidth
is 300 to 3400 Hz. Sample Rate = 9.6 kHz, Loop Current = 40 mA.
5. DR = 3 dB + 20 log (RMS signal/RMS noise). Applies to both the transmit and receive paths. Measurement bandwidth
is 15 to 3400 Hz. Sample Rate = 9.6 kHz, Loop Current = 40 mA.
6. THD = 20 log (RMS distortion/RMS signal). Applies to both the transmit and receive paths.
Sample Rate = 9.6 kHz, Loop Current = 40 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com