Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 46Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 47Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 48Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 49Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 50Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 51Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 52Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 53Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Si 30 35
52
Rev. 1.2
TSSOP Outline
Figure 33 illustrates the package details for the Si3021 and Si3014. Table 25 lists the values for the dimensions
shown in the illustration.
Figure 33. 16-pin Thin Small Shrink Outline Package (TSSOP)
Table 25. Package Diagram Dimensions
Symbol
Millimeters
Min
Nom
Max
A
—
1.10
1.20
A1
0.05
—
0.15
A2
0.80
1.00
1.05
b0.19
—
0.30
c0.09
—
0.20
D
4.85
5.00
5.15
e0.65 BSC
E6.40 BSC
E1
4.30
4.40
4.50
L
0.45
0.60
0.75
L1
1.00 REF
R0.09
—
—
R1
0.09
—
—
S0.20
—
—
θ10
—
8
θ2
12 REF
θ3
12 REF
L
θ 1
L1
S
R1
R
θ 2
θ 3
c
D
A1
A
A2
b
E1
E
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com