Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 20Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 21Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Si 30 35
18
Rev. 1.2
Functional Description
The Si3035 is an integrated chipset that provides a
low-cost,
isolated,
silicon-based
interface
to
the
telephone line. The Si3035 saves cost and board area
by eliminating the need for a modem AFE or serial
codec. It also eliminates the need for an isolation
transformer, relays, opto-isolators, and a 2- to 4-wire
hybrid. The Si3035 solution requires only a few
low-cost,
discrete
components
to
achieve
full
compliance with FCC Part 68 and JATE out-of-band
noise requirements. See Figure 16 on page 15 for a
typical application circuit. See the pin-compatible
Si3034 or Si3044 data sheets for designs requiring
global support.
The Si3035 North America/Japan DAA offers a number
of new features not supported by the Si3032 device.
These include operation from a single 3.3 V power
supply, JATE (Japan) filter option, finer resolution for
both transmit and receive levels on AOUT (call progress
output), daisy-chaining for up to eight devices, and an
optional IIR filter. Table 15 summarizes the new Si3035
features.
Initialization
When the Si3035 is initially powered up, the RESET pin
should
be
asserted.
When
the
RESET
pin
is
deasserted, the registers will have default values. This
reset condition guarantees the line-side chip (Si3012) is
powered down with no possibility of loading the line (i.e.,
off-hook). The following is an example initialization
procedure:
1. Program the PLLs with registers 7 to 9 (N1[7:0], M1[7:0],
N2[3:0] and M2[3:0]) to the appropriate divider ratios for
the supplied MCLK frequency and desired sample rate, as
defined in "Clock Generation Subsystem" on page 20.
2. Wait until the PLLs are locked. This time is between
100
µS and 1 ms.
3. Write an 0x80 into Register 6. This enables the charge
pump for the VA pin, powers up the line-side chip (Si3012),
and enables the AOUT for call progress monitoring.
After this procedure is complete, the Si3035 is ready for
ring detection and off-hook.
Isolation Barrier
The Si3035 achieves an isolation barrier through a
low-cost, high-voltage capacitor in conjunction with
Silicon
Laboratories’
proprietary
ISOcap
signal
processing techniques. These techniques eliminate any
signal
degradation
due
to
capacitor
mismatches,
common mode interference, or noise coupling. As
shown in Figure 16 on page 15, the C1, C2, and C4
capacitors isolate the Si3021 (DSP-side) from the
Si3012 (line-side). All transmit, receive, control, and
caller ID data are communicated through this barrier.
The ISOcap inter-chip communication is disabled by
default. To enable it, the PDL bit in Register 6 must be
cleared. No communication between the Si3021 and
Si3012 can occur until this bit is cleared. The clock
generator must be programmed to an acceptable
sample rate prior to clearing the PDL bit.
Off-Hook
The communication system generates an off-hook
command by applying logic 0 to the OFHK pin or writing
a logic 1 to bit 0 of control Register 5. The OFHK pin
must be enabled by setting bit 1 (OHE) of Register 5.
With OFHK at logic 0, the system is in an off-hook state.
This state is used to seize the line for incoming/outgoing
calls and can also be used for pulse dialing. With OFHK
at logic 1, negligible DC current flows through the
hookswitch. When a logic 0 is applied to the OFHK pin,
the hookswitch transistor pair, Q1 and Q2, turn on. The
net effect of the off-hook signal is the application of a
termination impedance across TIP and RING and the
flow of DC loop current. The termination impedance has
both an AC and a DC component.
The AC termination impedance is a 604-
Ω resistor,
which is connected to the TX pin. The DC termination is
a 51-
Ω resistor, which is connected to the DCT pin.
When executing an off-hook sequence, the Si3035
requires 1548/Fs seconds to complete the off-hook and
provide phone line data on the serial link. This includes
the 12/Fs filter group delay. If necessary, for the shortest
Table 15. New Si3035 Features
Category
Si3032
Si3035
Daisy-Chaining
—
Up to 8 Devices
Optional IIR Filter
—
Yes
Receive Gain
0, 6 dB
0, 3, 6, 9, 12 dB
Transmit Attenuation
0, –3 dB
0, –3, –6 –9,
–12 dB
VA
5 V
3.3 V* or 5 V
VD
3.3 V or 5 V
3.3 V or 5 V
JATE Support
—
Yes
AOUT Levels (dB)
0, mute
0, –6, –12, mute
*Note: The VA supply is internally generated by an on-chip
charge pump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com