Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 20Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Si3035
Rev. 1.2
17
Analog Output
Figure 17 illustrates an optional application circuit to support the analog output capability of the Si3035 for call
progress monitoring purposes. The ARM bits in Register 6 allow the receive path to be attenuated by 0 dB, –6 dB,
or –12 dB. The ATM bits, which are also in Register 6, allow the transmit path to be attenuated by –20 dB, –26 dB,
or –32 dB. Both the transmit and receive paths can also be independently muted.
Figure 17. Optional Connection to AOUT for a Call Progress Speaker
‘
Table 14. Component Values—Optional Connection to AOUT
Symbol
Value
C1
2200 pF, 16 V, ±20%
C2, C3, C5
0.1 µF, 16 V, ±20%
C4
100 µF, 16 V, Elec. ±20%
C6
820 pF, 16 V, ±20%
R1
3 k
Ω, 1/10 W, ±5%
R2
10
Ω, 1/10 W, ±5%
R3
47 k
Ω, 1/10 W, ±5%
U1
LM386
AOUT
C1
C2
C6
R1
R3
C4
C3
C5
R2
Speaker
+
–
+
3
2
4
5
6
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com