Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 40Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 41Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 42Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 43Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 44Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 45Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 46Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 47Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Si 30 35
44
Rev. 1.2
Reset settings = 0000_1000
Reset settings = 0000_0000
Register 16. IIR Filter Control
Bit
D7D6
D5D4D3
D2D1
D0
Name
00
0
IIRE
1
000
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
7:5
Reserved
Read returns zero (must always be written with zeroes).
4
IIRE
IIR Filter Enable.
0 = FIR filter enabled.
1 = Transmit and receive filters are realized with an IIR filter characteristic. To enable IIR filter
write 0x18; to disable IIR filter write 0x08. See Table 12 on page 11 for more details on IIR fil-
ter performance.
3:0
Reserved
Read returns 0x8 (must always be written with 0x8).
Register 17. International Control
Bit
D7
D6
D5
D4D3D2D1D0
Name
0
MCAL
CALD
Type
R/W
R/W
Bit
Name
Function
7
Reserved
Must be zero.
6MCAL
Manual Calibration.
0 = No calibration.
1 = Initiate calibration.
5CALD
Auto-Calibration.
0 = Auto-calibration enabled.
1 = Auto-calibration disabled.
4:0
Reserved
Read returns zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com