Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 15Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 16Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 17Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 18Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 19Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Si 30 35
16
Rev. 1.2
Bill of Materials
Table 13. Component Values—Typical Application
Component1
Value
Supplier(s)
C1,C4
150 pF, 3 kV, X7R, ±20%
Novacap, Venkel, Johanson, Murata,
Panasonic, SMEC
C2
Not Installed
C3
0.22
µF, 16 V, X7R, ±20%
C5
1 µF, 16 V, Tant/Elec, ±20%
C6,C10,C16
0.1 µF, 16 V, X7R, ±20%
C7,C8,C9
15 nF, 250 V, X7R, ±20%
Novacap, Johanson, Murata, Panasonic, SMEC
C11
39 nF, 16 V, X7R, ±20%
C122
2.7 nF, 16 V, X7R, ±20%
C232
0.1 µF, 16 V, Tant/Elec/X7R, ±20%
C24, C25, C31,C323
1000 pF, 3 kV, X7R, ±10%
Novacap, Venkel, Johanson, Murata, Panasonic, SMEC
C304
Not Installed
D1,D25
Dual Diode, 300 V, 225 mA
Central Semiconductor
D3,D4
BAV99 Dual Diode, 70 V, 350 mW
Diodes, Inc., OnSemiconductor, Fairchild
FB1,FB2
Ferrite Bead
Murata
Q1,Q3
A42, NPN, 300 V
OnSemiconductor, Fairchild
Q2
A92, NPN, 300 V
OnSemiconductor, Fairchild
RV1
Sidactor, 275 V, 100 A
Teccor, ST Microelectronics, Microsemi, TI
RV2
MOV, 240 V
Panasonic
R1
51
Ω, 1/2 W ±5%
R2
15
Ω, 1/4 W ±5%
R36
Not Installed
R42,R18,R212
301
Ω, 1/10 W, ±1%
R5,R6
36 k
Ω, 1/10 W ±5%
R9,R10
2 k
Ω, 1/10 W ±5%
R22,R23
20 k
Ω, 1/10 W ±5%
R27,R28
10
Ω, 1/10 W ±5%
U1
Si3021
Silicon Labs
U2
Si3012
Silicon Labs
Z1
Zener diode, 18 V
Vishay, Rohm, OnSemiconductor
Z4,Z5
Zener diode, 5.6 V, 1/2 W
Diodes, Inc., OnSemiconductor, Fairchild
Notes:
1. The following reference designators were intentionally omitted: C13–C15, C17–C22, C26–C29, R7, R8, R11–R17,
R19, and R20.
2. If JATE support is not required, C12, and C23 may be removed.
3. Alternate population option is C24, C25 (2200 pF, 3 kV, X7R, ±10% and C31, C32 not installed).
4. Install only if needed for improved radiated emissions performance (10 pF, 16 V, NPO, ±10%).
5. Several diode bridge configurations are acceptable (suppliers include General Semi, Diodes Inc.)
6. If the charge pump is not enabled (with the CPE bit in Register 6), VA must be 4.75 to 5.25 V. R3 can be installed with
a 10
Ω, 1/10 W, ±5% if V
D is also 4.75 to 5.25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com