Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 41Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 42Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 43Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 44Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 45Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 46Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 47Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 48Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
Si3035
Rev. 1.2
45
A PPEND I X —U L1 950 3 RD E DI TIO N
Although designs using the Si3035 comply with UL1950
3rd Edition and pass all overcurrent and overvoltage
tests, there are still several issues to consider.
Figure 31 shows two designs that can pass the UL1950
overvoltage
tests,
as
well
as
electromagnetic
emissions. The top schematic of Figure 31 shows the
configuration in which the ferrite beads (FB1, FB2) are
on the unprotected side of the sidactor (RV1). For this
configuration, the current rating of the ferrite beads
needs to be 6 A. However, the higher current ferrite
beads are less effective in reducing electromagnetic
emissions.
The
bottom
schematic
of
Figure 31
shows
the
configuration in which the ferrite beads (FB1, FB2) are
on the protected side of the sidactor (RV1). For this
design, the ferrite beads can be rated at 200 mA.
In a cost optimized design, it is important to remember
that compliance to UL1950 does not always require
overvoltage tests. It is best to plan ahead and know
which overvoltage tests will apply to your system.
System-level elements in the construction, such as fire
enclosure and spacing requirements, need to be
considered during the design stages. Consult with your
professional testing agency during the design of the
product to determine which tests apply to your system.
Figure 31. Circuits that Pass all UL1950 Overvoltage Tests
C24
1.25 A
FB1
75
Ω @ 100 MHz, 6 A
TIP
FB2
RING
C25
75
Ω @ 100 MHz, 6 A
RV1
C24
1.25 A
TIP
RING
C25
600
Ω @ 100 MHz, 200 m A
FB1
FB2
RV1
600
Ω @ 100 MHz, 200 m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com