Electronic Components Datasheet Search
  English  ▼

X  

SI3021 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # SI3021
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3021 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button SI3021 Datasheet HTML 43Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 44Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 45Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 46Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 47Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 48Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 49Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 50Page - List of Unclassifed Manufacturers SI3021 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
Si3035
Rev. 1.2
47
10
6
M1
Mode Select 1 Input.
The second of two mode select pins that is used to select the operation of the
serial port/DSP interface.
11
7
C1A
Isolation Capacitor 1A.
Connects to one side of the isolation capacitor C1. Used to communicated
with the line-side device.
12
8
GND
Ground.
Connects to the system digital ground.
13
9
VA
Analog Supply Voltage.
Provides the analog supply voltage for the Si3021, nominally 5 V. This supply
is typically generated internally with an on-chip charge pump set through a
control register.
14
10
M0
Mode Select 0 Input.
The first of two mode select pins that is used to select the operation of the
serial port/DSP interface.
15
11
RGDT/FSD
Ring Detect/Delayed Frame Sync Output.
Output signal that indicates the status of a ring signal. Produces an active
low rectified version of the ring signal. When daisy chain is enabled, this sig-
nal becomes a delayed frame sync to drive a slave device.
16
12
OFHK
Off-Hook Input.
An active low input control signal that provides a termination across TIP and
RING for line seizing and pulse dialing.
Table 21. Si3021 Pin Descriptions (Continued)
SOIC
Pin #
TSSOP
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com