Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 28Page - PMC-Sierra, Inc PM6341 Datasheet HTML 29Page - PMC-Sierra, Inc PM6341 Datasheet HTML 30Page - PMC-Sierra, Inc PM6341 Datasheet HTML 31Page - PMC-Sierra, Inc PM6341 Datasheet HTML 32Page - PMC-Sierra, Inc PM6341 Datasheet HTML 33Page - PMC-Sierra, Inc PM6341 Datasheet HTML 34Page - PMC-Sierra, Inc PM6341 Datasheet HTML 35Page - PMC-Sierra, Inc PM6341 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
16
Pin No.
Pin Name
Type
PQFP
PLCC
Function
RLCV/
I/O
43
45
Receive Line Code Violation Indication
(RLCV). When the E1XC is
configured to receive single-rail data,
this input may be enabled to be
sampled on the rising or falling edge
of RCLKI.
SDN
Sliced Negative Line Pulse (SDN).
This pin becomes an output when the
receive analog line interface is
powered up. A positive pulse on the
SDN output corresponds to the
sampled negative pulse excursion on
the RAS input.
RCLKI
Input
48
50
Receive Line Clock Input (RCLKI).
This input is an externally recovered
2.048 MHz line clock that may be
enabled to sample the RDP and RDN
inputs on its rising or falling edge
when the input format is enabled for
dual-rail NRZ; or to sample the RDD
and RLCV inputs on its rising or falling
edge when the input format is enabled
for single-rail.
RAS
Input
53
55
Receive Analog Signal (RAS). This
analog input samples the AC signal
on an external isolation transformer. It
is connected to the positive lead of the
transformer secondary through a
passive attenuation network.
REF
I/O
51
53
Receive Reference (REF). This
analog bidirectional pin provides DC
bias to an external isolation
transformer. It is connected to the
negative lead of the transformer
secondary and to a decoupling
capacitor to RAVS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com