Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 41Page - PMC-Sierra, Inc PM6341 Datasheet HTML 42Page - PMC-Sierra, Inc PM6341 Datasheet HTML 43Page - PMC-Sierra, Inc PM6341 Datasheet HTML 44Page - PMC-Sierra, Inc PM6341 Datasheet HTML 45Page - PMC-Sierra, Inc PM6341 Datasheet HTML 46Page - PMC-Sierra, Inc PM6341 Datasheet HTML 47Page - PMC-Sierra, Inc PM6341 Datasheet HTML 48Page - PMC-Sierra, Inc PM6341 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
29
Pin No.
Pin Name
Type
PQFP
PLCC
Function
TDLSIG/
I/O
66
65
Transmit Data Link Signal (TDLSIG).
The TDLSIG signal is input on this pin
when the internal HDLC transmitter
(XFDL) is disabled from use. TDLSIG
is the source for the data stream to be
inserted into the selected data link
bits. The E1XC may be configured to
utilize timeslot 16 as a data link or
utilize any combination of the national
bits as a data link. TDLSIG is
sampled on the rising edge of
TDLCLK.
TDLINT
Transmit Data Link Interrupt (TDLINT).
The TDLINT signal is output on this
pin when XFDL is enabled. TDLINT
goes high when the last data byte
written to the XFDL has been set up
for transmission and processor
intervention is required to either write
control information to end the
message, or to provide more data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com