Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 45Page - PMC-Sierra, Inc PM6341 Datasheet HTML 46Page - PMC-Sierra, Inc PM6341 Datasheet HTML 47Page - PMC-Sierra, Inc PM6341 Datasheet HTML 48Page - PMC-Sierra, Inc PM6341 Datasheet HTML 49Page - PMC-Sierra, Inc PM6341 Datasheet HTML 50Page - PMC-Sierra, Inc PM6341 Datasheet HTML 51Page - PMC-Sierra, Inc PM6341 Datasheet HTML 52Page - PMC-Sierra, Inc PM6341 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
Pin No.
Pin Name
Type
PQFP
PLCC
Function
TAVD
Power
64
63
Transmit Analog Power (TAVD). This
pin provides the +5 V supply to the
transmit analog line interface. Even if
the transmit analog line interface is
not used, a +5 V supply must be
provided. The transmit analog line
interface remains in a low power
consumption state after reset until
enabled. TAVD must be connected to
a common, well decoupled +5 VDC
supply together with the VDDO[3:0]
and VDDI[1:0] pins. Care must be
taken to avoid coupling noise induced
on the VDDO and VDDI pins into the
TAVD pin.
TAVS
Ground
65
64
Transmit Analog Ground (TAVS). This
pin provides the ground supply to the
transmit analog line interface. TAVS
must be connected to a common
ground together with the VSSO[3:0]
and VSSI[1:0] pins. Care must be
taken to avoid coupling noise induced
on the VSSO and VSSI pins into the
TAVS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com