Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 79Page - PMC-Sierra, Inc PM6341 Datasheet HTML 80Page - PMC-Sierra, Inc PM6341 Datasheet HTML 81Page - PMC-Sierra, Inc PM6341 Datasheet HTML 82Page - PMC-Sierra, Inc PM6341 Datasheet HTML 83Page - PMC-Sierra, Inc PM6341 Datasheet HTML 84Page - PMC-Sierra, Inc PM6341 Datasheet HTML 85Page - PMC-Sierra, Inc PM6341 Datasheet HTML 86Page - PMC-Sierra, Inc PM6341 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
and the transmit clock driving the TRAN block when the ELST is bypassed.
When TRSLIP is set to logic 1, the transmit clock input to TRAN is internally
substituted for the BRCLK input to the system side of the ELST. When
TRSLIP is set to logic 0, the BRCLK input is routed to the system side of the
ELST. The TRSLIP bit should only be set if ELSTBYP is set to logic 1.
SRPCM:
The SRPCM bit selects the output signal seen on the multifunction output
RPCM/ RDPCM. When set to logic 1, the multifunction output becomes
RPCM, the undecoded PCM output from the Clock and Data Recovery
(CDRC) block. When SRPCM is set to logic 0, the multifunction output
becomes RDPCM, the HDB3-decoded PCM output from the CDRC block.
SRSMFP, SRCMFP:
The SRSMFP and SRCMFP bits select the output signal seen on the output
RFP. The following table summarizes the four configurations:
SRSMFP
SRCMFP
Result
0
0
Receive frame pulse output:
RFP pulses high for 1 RCLKO cycle during bit 1
of each 256-bit frame, indicating the frame
alignment of the RDPCM/RPCM data stream.
0
1
Receive CRC multiframe output:
RFP pulses high for 1 RCLKO cycle during bit 1
of frame 1 of every 16 frame CRC multiframe,
indicating the CRC multiframe alignment of the
RDPCM/RPCM data stream. (Even when CRC
multiframing is disabled, the RFP output
continues to indicate the position of bit 1 of the
FAS frame every 16th frame.)
1
0
Receive signalling multiframe output:
RFP pulses high for 1 RCLKO cycle during bit 1
of frame 1 of the 16 frame signalling multiframe,
indicating the signalling multiframe alignment of
the RDPCM/RPCM data stream. (Even when
signalling multiframing is disabled, the RFP
output continues to indicate the position of bit 1
of every 16th frame.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com