Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 51Page - PMC-Sierra, Inc PM6341 Datasheet HTML 52Page - PMC-Sierra, Inc PM6341 Datasheet HTML 53Page - PMC-Sierra, Inc PM6341 Datasheet HTML 54Page - PMC-Sierra, Inc PM6341 Datasheet HTML 55Page - PMC-Sierra, Inc PM6341 Datasheet HTML 56Page - PMC-Sierra, Inc PM6341 Datasheet HTML 57Page - PMC-Sierra, Inc PM6341 Datasheet HTML 58Page - PMC-Sierra, Inc PM6341 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
9
FUNCTIONAL DESCRIPTION
9.1
Digital Receive Interface (DRIF)
The Digital Receive Interface provides control over the various input options
available on the multifunctional digital receive pins RDP/RDD/SDP and
RDN/RLCV/SDN. When configured for dual-rail input, the multifunctional pins
become the RDP and RDN inputs. These inputs can be enabled to receive either
return-to-zero (RZ) or non-return-to-zero (NRZ) signals; the NRZ input signals
can be sampled on either the rising or falling edge of RCLKI. When the interface
is configured for single-rail input, the multifunctional pins become the RDD and
RLCV inputs, which can be sampled on either the rising or falling RCLKI edge.
Finally, when the analog interface is used, the multifunction pins become the
SDP and SDN outputs, indicating the sliced pulses corresponding to the received
positive and negative analog line pulses.
9.2
Analog Pulse Slicer (RSLC)
The Analog E1 Pulse Slicer function is provided by the RSLC block. The Receive
Data Slicer (RSLC) block provides the first stage of signal conditioning for a
G.703 2048 kbit/s serial data stream by converting bipolar line signals to dual rail
RZ pulses. Before an RZ output pulse is generated by the RSLC block, bipolar
input signals must rise to 50% (for G.703 2048 kbit/s) of their peak amplitude.
This level is referred to as the Slicing Level. The threshold criteria insures
accurate pulse or mark recognition in the presence of noise.
The RSLC block provides a squelch alarm, which occurs when input pulses are
below the squelching level threshold. In this state, data is not sliced, which
prevents the detection of noise on an idle transmission line. The SQ status bit in
register 5DH goes high whenever the RSLC block is squelching the input signal.
The RSLC can be configured (in register 5DH) to generate an interrupt whenever
the SQ status bit goes high.
The RSLC block relies on an external network for compliance to G.703 120
Ω
twisted pair or G.703 75
Ω coax. The RSLC block is configured via an off-chip
attenuator pad (see Figure 5). The following network values are recommended
for the two intended applications:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com