Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 13Page - PMC-Sierra, Inc PM6341 Datasheet HTML 14Page - PMC-Sierra, Inc PM6341 Datasheet HTML 15Page - PMC-Sierra, Inc PM6341 Datasheet HTML 16Page - PMC-Sierra, Inc PM6341 Datasheet HTML 17Page - PMC-Sierra, Inc PM6341 Datasheet HTML 18Page - PMC-Sierra, Inc PM6341 Datasheet HTML 19Page - PMC-Sierra, Inc PM6341 Datasheet HTML 20Page - PMC-Sierra, Inc PM6341 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
• Integrates a full-featured E1 transceiver in a single device with analog
circuitry for receiving and transmitting G.703 2048 kbit/s compatible signals
and digital circuitry for terminating the duplex digital signal.
• Pin compatible with the PMC PM4341A T1 Framer/Transceiver device.
• Provides an 8-bit microprocessor bus interface for configuration, control, and
status monitoring.
• Low power CMOS technology.
• Available in either a 68 pin PLCC or an 80 pin PQFP package.
The receiver section:
• Provides analog circuitry for receiving a G.703 2048 kbit/s signal with up to 6
dB of cable attenuation. Direct digital inputs are also provided to allow for by-
passing the analog front-end.
• Recovers clock and data using a digital phase locked loop for high jitter
tolerance. A direct clock input is provided to allow clock recovery to be by-
passed.
• Accepts dual rail or single rail digital PCM inputs.
• Supports HDB3 or AMI line code.
• Accepts gapped data streams to support higher rate demultiplexing.
• Frames to a G.704 2048 kbit/s signal within 1 ms.
• Frames to the signalling multiframe alignment when enabled.
• Frames to the CRC multiframe alignment when enabled.
• Provides loss of signal detection, and indicates loss of frame alignment
(OOF), loss of signalling multiframe alignment and loss of CRC multiframe
alignment.
• Supports line and path performance monitoring according to ITU-T
recommendations. Accumulators are provided for counting:
• CRC-4 errors to 1000 per second;
• Far end block errors to 1000 per second;
• Frame sync errors to 127 per second; and
• Line code violations to 8191 per second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com