Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 70 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 70 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 66Page - PMC-Sierra, Inc PM6341 Datasheet HTML 67Page - PMC-Sierra, Inc PM6341 Datasheet HTML 68Page - PMC-Sierra, Inc PM6341 Datasheet HTML 69Page - PMC-Sierra, Inc PM6341 Datasheet HTML 70Page - PMC-Sierra, Inc PM6341 Datasheet HTML 71Page - PMC-Sierra, Inc PM6341 Datasheet HTML 72Page - PMC-Sierra, Inc PM6341 Datasheet HTML 73Page - PMC-Sierra, Inc PM6341 Datasheet HTML 74Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
54
If there are more than five consecutive ones in the raw transmit data or in the
CRC data, a zero is stuffed into the serial data output. This prevents the
unintentional transmission of flag or abort characters.
Abort characters can be continuously transmitted at any time by setting a control
bit. During transmission, an underrun situation can occur if data is not written to
the Transmit Data Register before the previous byte has been depleted. In this
case, an abort sequence is transmitted, and the controlling processor is notified
via the TDLUDR signal. Optionally, the interrupt and underrun signals can be
independently enabled to also generate an interrupt on the INTB output,
providing a means to notify the controlling processor of changes in the XFDL
operating status.
When the internal HDLC transmitter is disabled, the serial data to be transmitted
on data link can be input on the TDLSIG pin timed to the clock rate output on the
TDLCLK pin.
9.13
Digital Jitter Attenuator (DJAT)
The Digital Jitter Attenuation function is provided by the Digital Jitter Attenuator
(DJAT) block. The DJAT block receives jittered, dual-rail E1 data in NRZ format
from TRAN on two separate inputs, which allows bipolar violations to pass
through the block uncorrected. The incoming data streams are stored in a FIFO
timed to the transmit clock (either BTCLK or RCLKO). The respective input data
emerges from the FIFO timed to the jitter attenuated clock (TCLKO) referenced
to either TCLKI, BTCLK, or RCLKO.
The jitter attenuator generates the jitter-free 2.048 MHz TCLKO output transmit
clock by adaptively dividing the 49.152 MHz XCLK signal according to the phase
difference between the generated TCLKO and input data clock to DJAT (either
BTCLK or RCLKO). Jittered fluctuations in the phase of the input data clock are
attenuated by the phase-locked loop within DJAT so that the frequency of TCLKO
is equal to the average frequency of the input data clock. Phase fluctuations with
a jitter frequency above 8.8 Hz are attenuated by 6 dB per octave of jitter
frequency. Wandering phase fluctuations with frequencies below 8.8 Hz are
tracked by the generated TCLKO. To provide a smooth flow of data out of DJAT,
TCLKO is used to read data out of the FIFO.
If the FIFO read pointer (timed to TCLKO) comes within one bit of the write
pointer (timed to the input data clock, BTCLK or RCLKO), DJAT will track the jitter
of the input clock. This permits the phase jitter to pass through unattenuated,
inhibiting the loss of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com