Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 69Page - PMC-Sierra, Inc PM6341 Datasheet HTML 70Page - PMC-Sierra, Inc PM6341 Datasheet HTML 71Page - PMC-Sierra, Inc PM6341 Datasheet HTML 72Page - PMC-Sierra, Inc PM6341 Datasheet HTML 73Page - PMC-Sierra, Inc PM6341 Datasheet HTML 74Page - PMC-Sierra, Inc PM6341 Datasheet HTML 75Page - PMC-Sierra, Inc PM6341 Datasheet HTML 76Page - PMC-Sierra, Inc PM6341 Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
Figure 9
- DJAT Minimum Jitter Tolerance vs. XCLK Accuracy
100
200
300 308
DJAT Minimum
Jitter Tolerance
UI pp
45
40
35
30
0
100
49
Max frequency
offset (PLL Ref
to XCLK)
XCLK Accuracy
Hz
± ppm
34.9
39
42.4
Jitter Transfer
The output jitter for jitter frequencies from 0 to 8.8 Hz is no more than 0.1 dB
greater than the input jitter, excluding residual jitter. Jitter frequencies above 8.8
Hz are attenuated at a level of 6 dB per octave, as shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com