Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 65Page - PMC-Sierra, Inc PM6341 Datasheet HTML 66Page - PMC-Sierra, Inc PM6341 Datasheet HTML 67Page - PMC-Sierra, Inc PM6341 Datasheet HTML 68Page - PMC-Sierra, Inc PM6341 Datasheet HTML 69Page - PMC-Sierra, Inc PM6341 Datasheet HTML 70Page - PMC-Sierra, Inc PM6341 Datasheet HTML 71Page - PMC-Sierra, Inc PM6341 Datasheet HTML 72Page - PMC-Sierra, Inc PM6341 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
output. Support is provided for the transmission of AIS and TS16 AIS, and the
transmission of remote alarm and remote multiframe alarm signals.
PCM output signals may be selected to conform to HDB3 or AMI line coding.
9.11
Transmit Per-channel Serial Controller (TPSC)
The Transmit Per-channel Serial Controller allows data and signalling trunk
conditioning or idle code to be applied on the transmit E-1 stream on a per-
timeslot basis. It also allows per-timeslot control of data inversion and application
of digital milliwatt.
The Transmit Per-channel Serial Controller function is provided by a Per-Channel
Serial Controller (PCSC) block. The TPSC interfaces directly to the TRAN block
and provides serial streams for signalling control, idle code data and PCM data
control.
The registers are accessible from the µP interface in an indirect address mode.
The BUSY indication signal can be polled from an internal status register to
check for completion of the current operation.
9.12
HDLC Transmitter (XFDL)
The HDLC Transmitter function is provided by the XFDL block. The XFDL is
designed to provide a serial data link for the TRAN E1 Transmitter block. The
XFDL is used under microprocessor or DMA control to transmit HDLC data
frames in Time Slot 16 or in the Time Slot 0 National Use bits when the E1XC is
enabled to use the internal HDLC transmitter. The XFDL performs all of the data
serialization, CRC generation, zero-bit stuffing, as well as flag, idle, and abort
sequence insertion. Data to be transmitted is provided on an interrupt-driven
basis by writing to a double-buffered transmit data register. Upon completion of
the frames, a CRC Q.921 frame check sequence is transmitted, followed by idle
flag sequences. If the transmit data register underflows, an abort sequence is
automatically transmitted.
When enabled for use (via the EN bit in the XFDL Configuration register), the
XFDL continuously transmits the flag character (01111110). Data bytes to be
transmitted are written into the Transmit Data Register. After the parallel-to-serial
conversion of each data byte, an interrupt is generated to signal the controller to
write the next byte into the Transmit Data Register. After the last data frame byte
is transmitted, the CRC word (if CRC insertion has been enabled), or a flag (if
CRC insertion has not been enabled) is transmitted. The XFDL then returns to
the transmission of flag characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com