Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 75Page - PMC-Sierra, Inc PM6341 Datasheet HTML 76Page - PMC-Sierra, Inc PM6341 Datasheet HTML 77Page - PMC-Sierra, Inc PM6341 Datasheet HTML 78Page - PMC-Sierra, Inc PM6341 Datasheet HTML 79Page - PMC-Sierra, Inc PM6341 Datasheet HTML 80Page - PMC-Sierra, Inc PM6341 Datasheet HTML 81Page - PMC-Sierra, Inc PM6341 Datasheet HTML 82Page - PMC-Sierra, Inc PM6341 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
63
Address
Register
19H
DJAT block Reference Clock Divisor (N1) Control
1AH
DJAT block Output Clock Divisor (N2) Control
1BH
DJAT block Configuration
1CH
ELST block Configuration
1DH
ELST block Interrupt Enable/Status
1EH
ELST block Idle Code
1FH
ELST Reserved
20H
FRMR block Framing Alignment Options
21H
FRMR block FRMR Maintenance Mode Options
22H
FRMR block Framing Status Interrupt Enable
23H
FRMR block Maintenance/Alarm Status Interrupt
Enable
24H
FRMR block Framing Status Interrupt Indication
25H
FRMR block Maintenance/Alarm Status Interrupt
Indication
26H
FRMR block Framing Status
27H
FRMR block Maintenance/Alarm Status
28H
FRMR block International/National Bits
29H
FRMR block Extra Bits
2AH
FRMR block CRC Error Count - LSB
2BH
FRMR block CRC Error Count - MSB
2CH
TS16 AIS Alarm Status
2DH - 2FH
Reserved
30H
TPSC block Configuration
31H
TPSC block µP Access Status
32H
TPSC block Timeslot Indirect Address/Control
33H
TPSC block Timeslot Indirect Data Buffer
34H
XFDL block Configuration
35H
XFDL block Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com