Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 49Page - PMC-Sierra, Inc PM6341 Datasheet HTML 50Page - PMC-Sierra, Inc PM6341 Datasheet HTML 51Page - PMC-Sierra, Inc PM6341 Datasheet HTML 52Page - PMC-Sierra, Inc PM6341 Datasheet HTML 53Page - PMC-Sierra, Inc PM6341 Datasheet HTML 54Page - PMC-Sierra, Inc PM6341 Datasheet HTML 55Page - PMC-Sierra, Inc PM6341 Datasheet HTML 56Page - PMC-Sierra, Inc PM6341 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
Pin No.
Pin Name
Type
PQFP
PLCC
Function
VDDO[0]
VDDO[1]
VDDO[2]
VDDO[3]
Power
69
12
42
62
68
20
44
61
Pad ring power pins (VDDO[3:0]).
These pins must be connected to a
common, well decoupled +5 VDC
supply together with the VDDI[1:0]
pins. Care must be taken to avoid
coupling noise induced on the VDDO
pins into the VDDI pins.
VDDI[0]
VDDI[1]
Power
11
49
19
51
Core power pins (VDDI[1:0]). These
pins must be connected to a common,
well decoupled +5 VDC supply
together with the VDDO[3:0] pins.
VSSO[0]
VSSO[1]
VSSO[2]
VSSO[3]
Ground
70
9
38
58
1
17
43
60
Pad ring ground pins (VSSO[3:0]).
These pins must be connected to a
common ground together with the
VSSI[1:0] pins. Care must be taken to
avoid coupling noise induced on the
VSSO pins into the VSSI pins.
VSSI[0]
VSSI[1]
Ground
10
50
18
52
Core ground pins (VSSI[1:0]). These
pins must be connected to a common
ground together with the VSSO[3:0]
pins.
Notes on Pin Description:
1. VDDI and VSSI are the +5 V and ground connections, respectively, for the
core circuitry of the device. VDDO and VSSI are the +5 V and ground
connections, respectively, for the pad ring circuitry of the device. TAVD and
TAVS are the +5 V and ground connections, respectively, for the transmit
analog circuitry of the device. These power supply connections must all be
utilized and must all connect to a common +5 V or ground rail, as appropriate.
There is no low impedance connection within the PM6341 between the core,
pad ring, and transmit analog supply rails. Failure to properly make these
connections may result in improper operation or damage to the device. Care
must be taken to avoid coupling of noise into the transmit analog supply rails.
2. RAVD and RAVS are the +5 V and ground connections, respectively, for the
receive analog circuitry of the device. These power supply connections need



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com