Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 92Page - PMC-Sierra, Inc PM6341 Datasheet HTML 93Page - PMC-Sierra, Inc PM6341 Datasheet HTML 94Page - PMC-Sierra, Inc PM6341 Datasheet HTML 95Page - PMC-Sierra, Inc PM6341 Datasheet HTML 96Page - PMC-Sierra, Inc PM6341 Datasheet HTML 97Page - PMC-Sierra, Inc PM6341 Datasheet HTML 98Page - PMC-Sierra, Inc PM6341 Datasheet HTML 99Page - PMC-Sierra, Inc PM6341 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
80
Register 05H: E1XC Transmit Backplane Options
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
BTXCLK
0
Bit 2
Unused
X
Bit 1
R/W
BTX2RAIL
0
Bit 0
R/W
BTXMFP
0
This register allows software to configure the Transmit backplane interface
format.
BTXCLK:
The BTXCLK bit selects the source of the TRAN transmit clock input signal.
When BTXCLK is set to logic 1, the TRAN transmit clock is driven with the
2.048MHz recovered PCM output clock (RCLKO) from the receiver section.
When BTXCLK is set to logic 0, the TRAN transmit clock is driven with the
2.048MHz backplane transmit clock (BTCLK). Note that this bit must be set
to logic 1 when Line Loopback is enabled.
BTX2RAIL:
The BTX2RAIL bit selects whether the backplane transmit data signal
presented to the transmitter on the multifunction inputs BTPCM/BTDP and
BTSIG/BTDN are in either dual-rail or single-rail format. When BTX2RAIL is
set to logic 1, the multifunction pins become the BTDP and BTDN dual-rail
inputs, which bypass the TRAN and input directly into the jitter attenuator. It is
expected that the framing bits be already inserted into the dual-rail streams
before they are input on BTDP and BTDN. When BTX2RAIL is set to logic 0,
the multifunction pins become the BTPCM and BTSIG digital inputs.
BTXMFP:
The BTXMFP bit selects the type of backplane frame alignment signal
presented to the transmitter BTFP input. When BTXMFP is set to logic 1,
BTFP must be brought high to mark bit 1 of frame 1 of every 16 frame
signalling multiframe and brought low following bit 1 of frame 1 of every 16
frame CRC multiframe. This mode allows both multiframe alignments to be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com