Electronic Components Datasheet Search
  English  ▼

X  

PM6341 Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM6341
Description  E1 FRAMER/TRANSCEIVER
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6341 Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM6341 Datasheet HTML 4Page - PMC-Sierra, Inc PM6341 Datasheet HTML 5Page - PMC-Sierra, Inc PM6341 Datasheet HTML 6Page - PMC-Sierra, Inc PM6341 Datasheet HTML 7Page - PMC-Sierra, Inc PM6341 Datasheet HTML 8Page - PMC-Sierra, Inc PM6341 Datasheet HTML 9Page - PMC-Sierra, Inc PM6341 Datasheet HTML 10Page - PMC-Sierra, Inc PM6341 Datasheet HTML 11Page - PMC-Sierra, Inc PM6341 Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 272 page
background image
PM6341 E1XC
DATA SHEET
PMC-910419
ISSUE 8
E1 FRAMER/TRANSCEIVER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
vi
REGISTER REGISTER 16H: XPLS BLOCK CODE INDIRECT ADDRESS.... 112
REGISTER 17H: XPLS BLOCK CODE INDIRECT DATA................................ 114
REGISTER 18H: DJAT BLOCK INTERRUPT STATUS.................................... 115
REGISTER 19H: DJAT BLOCK REFERENCE CLOCK DIVISOR (N1) CONTROL
.............................................................................................................. 116
REGISTER 1AH: DJAT BLOCK OUTPUT CLOCK DIVISOR (N2)
CONTROL
.............................................................................................................. 117
REGISTER 1BH: DJAT BLOCK CONFIGURATION ........................................ 118
REGISTER 1CH: ELST CONFIGURATION..................................................... 120
REGISTER 1DH: ELST INTERRUPT STATUS................................................ 121
REGISTER 1EH: ELST IDLE CODE ............................................................... 122
REGISTER REGISTER 20H: FRMR FRAME ALIGNMENT OPTIONS........... 123
REGISTER 21H: FRMR MAINTENANCE MODE OPTIONS .......................... 125
REGISTER 22H: FRMR FRAMING STATUS INTERRUPT ENABLE .............. 127
REGISTER 23H: FRMR MAINTENANCE/ALARM STATUS INTERRUPT
ENABLE ............................................................................................... 128
REGISTER 24H: FRMR FRAMING STATUS INTERRUPT INDICATION ........ 129
REGISTER 25H: FRMR MAINTENANCE/ALARM STATUS INTERRUPT
INDICATION ......................................................................................... 130
REGISTER 26H: FRMR FRAMING STATUS................................................... 131
REGISTER 27H: FRMR MAINTENANCE/ALARM STATUS ............................ 132
REGISTER 28H: FRMR INTERNATIONAL/NATIONAL BITS.......................... 134
REGISTER 29H: FRMR EXTRA BITS ............................................................ 135
REGISTER 2AH: FRMR CRC ERROR COUNTER – LSB .............................. 136
REGISTER 2BH: FRMR CRC ERROR COUNTER – MSB ............................. 137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com