Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 198 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 198 Page - Texas Instruments

Back Button DM505 Datasheet HTML 194Page - Texas Instruments DM505 Datasheet HTML 195Page - Texas Instruments DM505 Datasheet HTML 196Page - Texas Instruments DM505 Datasheet HTML 197Page - Texas Instruments DM505 Datasheet HTML 198Page - Texas Instruments DM505 Datasheet HTML 199Page - Texas Instruments DM505 Datasheet HTML 200Page - Texas Instruments DM505 Datasheet HTML 201Page - Texas Instruments DM505 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 286 page
background image
198
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
Internal Loopback mode for self-test
•
Maskable interrupts, two interrupt lines
•
Two clock domains (CAN clock/Host clock)
•
Parity/ECC support - Message RAM single error correction and double error detection (SECDED)
mechanism
•
Local power-down and wakeup support
•
Timestamp Counter
For more information, see section MCAN in chapter Serial Communication Interfaces of the device TRM.
6.10.13 GMAC_SW
The three-port gigabit ethernet switch subsystem (GMAC_SW) provides ethernet packet communication
and can be configured as an ethernet switch. It provides the reduced gigabit media independent interface
(RGMII), and the management data input output (MDIO) for physical layer device (PHY) management.
The GMAC_SW subsystem provides the following features:
•
Two Ethernet ports (port 1 and port 2) with RGMII interfaces plus internal Communications Port
Programming Interface (CPPI 3.1) on port 0
•
Synchronous 10/100/1000 Mbit operation
•
Wire rate switching (802.1d)
•
Non-blocking switch fabric
•
Flexible logical FIFO-based packet buffer structure
•
Four priority level Quality Of Service (QOS) support (802.1p)
•
CPPI 3.1 compliant DMA controllers
•
Support for Audio/Video Bridging (P802.1Qav/D6.0)
•
Support for IEEE 1588 Clock Synchronization (2008 Annex D and Annex F)
–
Timing FIFO and time stamping logic embedded in the subsystem
•
Device Level Ring (DLR) Support
•
Energy Efficient Ethernet (EEE) support (802.3az)
•
Flow Control Support (802.3x)
•
Address Lookup Engine (ALE)
–
1024 total address entries plus VLANs
–
Wire rate lookup
–
Host controlled time-based aging
–
Multiple spanning tree support (spanning tree per VLAN)
–
L2 address lock and L2 filtering support
–
MAC authentication (802.1x)
–
Receive-based or destination-based multicast and broadcast rate limits
–
MAC address blocking
–
Source port locking
–
OUI (Vendor ID) host accept/deny feature
–
Remapping of priority level of VLAN or ports
•
VLAN support
–
802.1Q compliant
•
Auto add port VLAN for untagged frames on ingress
•
Auto VLAN removal on egress and auto pad to minimum frame size
•
Ethernet Statistics:
–
EtherStats and 802.3Stats Remote network Monitoring (RMON) statistics gathering (shared)
–
Programmable statistics interrupt mask when a statistic is above one half its 32-bit value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com