Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DM505 Datasheet HTML 47Page - Texas Instruments DM505 Datasheet HTML 48Page - Texas Instruments DM505 Datasheet HTML 49Page - Texas Instruments DM505 Datasheet HTML 50Page - Texas Instruments DM505 Datasheet HTML 51Page - Texas Instruments DM505 Datasheet HTML 52Page - Texas Instruments DM505 Datasheet HTML 53Page - Texas Instruments DM505 Datasheet HTML 54Page - Texas Instruments DM505 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 286 page
background image
51
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-14. SPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
spi4_d1
SPI4 Data. Can be configured as either MISO or MOSI.
IO
B19, F13
spi4_cs0
SPI4 Chip Select
IO
C14, C17
4.3.14 QSPI
NOTE
For more information see the Serial Communication Interface / Quad Serial Peripheral
Interface section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-51.
Table 4-15. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
qspi1_sclk
QSPI1 Serial Clock
O
C8
qspi1_rtclk
QSPI1 Return Clock Input.Must be connected from QSPI1_SCLK on PCB. Refer
to PCB Guidelines for QSPI1
I
B7, C14, D8, F13
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for dual read
and quad read modes it becomes input data pin during read phase.
IO
B9
qspi1_d1
QSPI1 Data[1]. Input read data in all modes.
IO
F10
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data pin during
read phase
IO
A9
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data pin during
read phase
IO
D10
qspi1_cs0
QSPI1 Chip Select[0]. This pin is used for QSPI1 boot modes.
IO
E10
qspi1_cs1
QSPI1 Chip Select[1]
IO
F15
4.3.15 McASP
NOTE
For more information, see the Serial Communication Interface / Multichannel Audio Serial
Port (McASP) section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-58.
Table 4-16. McASP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multichannel Audio Serial Port 1
mcasp1_axr0
McASP1 Transmit/Receive Data
IO
W16
mcasp1_axr1
McASP1 Transmit/Receive Data
IO
V16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com