Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 78 Page - Texas Instruments

Back Button DM505 Datasheet HTML 74Page - Texas Instruments DM505 Datasheet HTML 75Page - Texas Instruments DM505 Datasheet HTML 76Page - Texas Instruments DM505 Datasheet HTML 77Page - Texas Instruments DM505 Datasheet HTML 78Page - Texas Instruments DM505 Datasheet HTML 79Page - Texas Instruments DM505 Datasheet HTML 80Page - Texas Instruments DM505 Datasheet HTML 81Page - Texas Instruments DM505 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 286 page
background image
78
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
vddshv1
Dual Voltage (1.8V or
3.3V) power supply for
the GENERAL Power
Group pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv2
Dual Voltage (1.8V or
3.3V) power supply for
the GPMC Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv3
Dual Voltage (1.8V or
3.3V) power supply for
the UART1 and UART2
Power Group pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv4
Dual Voltage (1.8V or
3.3V) power supply for
the RGMII Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv5
Dual Voltage (1.8V or
3.3V) power supply for
the VIN1 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv6
Dual Voltage (1.8V or
3.3V) power supply for
the VOUT1 Power
Group pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vss
Ground supply
0
V
vssa_osc0
OSC0 analog ground
0
V
vssa_osc1
OSC1 analog ground
0
V
vssa_csi
CSI analog ground supply
0
V
vssa_dac
DAC analog ground supply
0
V
vssa_adc
ADC analog ground supply
0
V
TJ
(1)
Operating junction
temperature range
Automotive
-40
125
°C
(1) Refer to Power on Hours table for limitations.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) Logic functions and parameter values are not assured out of the range specified in the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com