Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DM505 Datasheet HTML 19Page - Texas Instruments DM505 Datasheet HTML 20Page - Texas Instruments DM505 Datasheet HTML 21Page - Texas Instruments DM505 Datasheet HTML 22Page - Texas Instruments DM505 Datasheet HTML 23Page - Texas Instruments DM505 Datasheet HTML 24Page - Texas Instruments DM505 Datasheet HTML 25Page - Texas Instruments DM505 Datasheet HTML 26Page - Texas Instruments DM505 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 286 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
23
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
U6
spi1_d1
spi1_d1
0
IO
OFF
OFF
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart3_ctsn
1
I
1
gpio4_1
14
IO
Driver off
15
I
M2
spi1_sclk
spi1_sclk
0
IO
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart3_rxd
1
I
1
gpio4_0
14
IO
Driver off
15
I
L2
spi2_cs0
spi2_cs0
0
IO
PU
PU
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
1
uart3_txd
1
O
ehrpwm1B
2
O
timer4
3
IO
gpio4_8
14
IO
Driver off
15
I
R7
spi2_d0
spi2_d0
0
IO
OFF
OFF
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart3_rtsn
1
O
timer1
3
IO
gpio4_7
14
IO
sysboot7
15
I
N4
spi2_d1
spi2_d1
0
IO
OFF
OFF
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart3_ctsn
1
I
1
timer5
3
IO
eCAP1_in_PWM1_out
7
IO
0
gpio4_6
14
IO
Driver off
15
I
L1
spi2_sclk
spi2_sclk
0
IO
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart3_rxd
1
I
1
ehrpwm1A
2
O
timer3
3
IO
gpio4_5
14
IO
Driver off
15
I
J2
tclk
tclk
0
I
PU
PU
0
1.8/3.3
vddshv1
Yes
IQ1833
PU/PD
J1
tdi
tdi
0
I
PU
PU
0
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
gpio4_25
14
IO
Driver off
15
I
J4
tdo
tdo
0
O
PU
PU
0
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
gpio4_26
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com