Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 99 Page - Texas Instruments

Back Button DM505 Datasheet HTML 95Page - Texas Instruments DM505 Datasheet HTML 96Page - Texas Instruments DM505 Datasheet HTML 97Page - Texas Instruments DM505 Datasheet HTML 98Page - Texas Instruments DM505 Datasheet HTML 99Page - Texas Instruments DM505 Datasheet HTML 100Page - Texas Instruments DM505 Datasheet HTML 101Page - Texas Instruments DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 286 page
background image
porz
vdds18v_ddr1, vdds18v_ddr2,
vdds18v_ddr3, vdds18v,
vdda_osc, vdda_per, vdda_ddr_dsp,
vdda_gmac_core, vdda_csi,
vdda_dac, vdda_adc
vdds_ddr1, vdds_ddr2, vdds_ddr3
vdd
vdd_dspeve
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv5, vddshv6
xi_osc0
SPRS91 _ELCH_02
6
Note 3
Note 4
Note 5
Note 6
Note 7
DSPEVE voltage
CORE voltage
EMIF voltage
99
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(8) resetn and porz must remain asserted low for a minimum of 12P(12) after xi_osc0 is stable at a valid frequency.
(9) Setup time: SYSBOOT[15:0] pins must be valid 2P(12) before is de-asserted high.
(10) Hold time: SYSBOOT[15:0] pins must be valid 15P(12) after is de-asserted high.
(11) resetn to rstoutn delay is 2ms.
(12) * P = 1/(SYS_CLK1/610) frequency in ns.
(13) Ramped Up is defined as reaching the minimum operational voltage level for the corresponding power domain. For information about
voltage levels, refer to , Recommended Operating Conditions.
Figure 5-2. Power-Down Sequencing
(1) Grey shaded areas show valid times to ramp down each supply.
(2) Dashed lines are not valid ramp times but show alternate ramp possibilities based on the associated note.
(3) If any of the vddshv* are used as 1.8V only, then these rails can ramp down at the same time as vdds18v_* or be combined with
vdds18v_*. If vddshv* are used as 3.3V, they can start ramping down no sooner than 100µs after PORz low assertion and must ramped
down before vdd_dspeve. If all vddshv_* are 1.8V, then neither vdd_dspeve or vdd should start ramping down no sooner than 100µs
after PORz low assertion.
(4) vdd_dspeve can ramp down before or at the same time as vdd/vpp.
(5) vdds_ddr* can start ramping down no sooner than 500µs after vdd and must be ramped down before vdds18v. vdds_ddr* can start
ramping down before, concurrently or after vdda_*, there are no dependencies between vdds_ddr* and vdda_* domains.
–
vdds_ddr* supplies can be combined with vdds18v_* and vdds18v_ddr supplies for DDR2 mode of operation (1.8V) and ramped
down together for simplified power sequencing.
–
If vdds18v_ddr and vdds_ddr* are kept separate from vdds18v_* on board, then this combined DDR supply can come down
together or before the vdds18v_* supply. The DDR supply in this case should never ramp down after the vdds18v_*.
(6) vdda_* can ramp down before or at the same time as vdds18v_*.
(7) xi_osc0 can be turned off anytime after porz assertion and must be turned off before vdda_osc voltage rail is shutdown.
(8) Ramped Down is defined as reaching a voltage level of no more than 0.6V.
Figure 5-3 describes vddshv[1-6] supplies falling after vdds18v supplies delta.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com