Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 102 Page - Texas Instruments

Back Button DM505 Datasheet HTML 98Page - Texas Instruments DM505 Datasheet HTML 99Page - Texas Instruments DM505 Datasheet HTML 100Page - Texas Instruments DM505 Datasheet HTML 101Page - Texas Instruments DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments DM505 Datasheet HTML 104Page - Texas Instruments DM505 Datasheet HTML 105Page - Texas Instruments DM505 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 286 page
background image
CL=
C C
f1
2
f
(C +C )
2
f1
f
vssa_osc0
Device
xo_osc0
xi_osc0
C
f1
Crystal
Rd
C
f2
(Optional)
SPRS91v_CLK_02
102
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-5. Crystal Implementation
NOTE
The load capacitors, Cf1 and Cf2 in Figure 5-5, should be chosen such that the below
equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All
discrete components used to implement the oscillator circuit should be placed as close as
possible to the associated oscillator xi_osc0, xo_osc0, and vssa_osc0 pins.
Figure 5-6. Load capacitance equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 5-16 summarizes
the required electrical constraints.
Table 5-16. OSC0 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
19.2, 20, 27
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
Crystal ESR
100
Ω
CO
Crystal shunt capacitance
ESR = 30 Ω
ESR = 40 Ω
19.2 MHz, 20 MHz, 27
MHz
7
pF
ESR = 50 Ω
19.2 MHz, 20 MHz
7
pF
27 MHz
5
pF
ESR = 60 Ω
19.2 MHz, 20 MHz
7
pF
27 MHz
Not Supported
-
ESR = 80 Ω
19.2 MHz, 20 MHz
5
pF
27 MHz
Not Supported
-
ESR = 100Ω
19.2 MHz, 20 MHz
3
pF
27 MHz
Not Supported
-
LM
Crystal motional inductance for fp = 20 MHz
10.16
mH
CM
Crystal motional capacitance
3.42
fF
tj(xiosc0)
Frequency accuracy(1), xi_osc0
Ethernet not used
±200
ppm
Ethernet RGMII using
derived clock
±50
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com