Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 105 Page - Texas Instruments

Back Button DM505 Datasheet HTML 101Page - Texas Instruments DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments DM505 Datasheet HTML 104Page - Texas Instruments DM505 Datasheet HTML 105Page - Texas Instruments DM505 Datasheet HTML 106Page - Texas Instruments DM505 Datasheet HTML 107Page - Texas Instruments DM505 Datasheet HTML 108Page - Texas Instruments DM505 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 286 page
background image
105
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
The crystal must be in the fundamental mode of operation and parallel resonant. Table 5-20 summarizes
the required electrical constraints.
Table 5-20. OSC1 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
Range from 19.2 to 32
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
Crystal ESR
100
Ω
CO
Crystal shunt capacitance
ESR = 30 Ω
19.2 MHz
≤ fp ≤ 32 MHz
7
pF
ESR = 40 Ω
19.2 MHz
≤ fp ≤ 32 MHz
5
pF
ESR = 50 Ω
19.2 MHz
≤ fp ≤ 25 MHz
7
pF
25 MHz < fp ≤ 27 MHz
5
pF
27 MHz < fp ≤ 32 MHz
Not Supported
-
ESR = 60 Ω
19.2 MHz
≤ fp ≤ 23 MHz
7
pF
23 MHz < fp ≤ 25 MHz
5
pF
25 MHz < fp ≤ 32 MHz
Not Supported
-
ESR = 80 Ω
19.2 MHz
≤ fp ≤ 23 MHz
5
pF
23 MHz < fp ≤ 25 MHz
3
pF
25 MHz < fp ≤ 32 MHz
Not Supported
-
ESR = 100 Ω
19.2 MHz
≤ fp ≤ 20 MHz
3
pF
20 MHz < fp ≤ 32 MHz
Not Supported
-
LM
Crystal motional inductance for fp = 20 MHz
10.16
mH
CM
Crystal motional capacitance
3.42
fF
tj(xiosc0)
Frequency accuracy(1), xi_osc1
Ethernet not used
±200
ppm
Ethernet RGMII using
derived clock
±50
ppm
(1) Crystal characteristics should account for tolerance+stability+aging.
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system.
Table 5-21 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 5-21. Oscillator Switching Characteristics—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
Range from 19.2 to 32
MHz
tsX
Start-up time
4
ms
5.9.4.1.3.2 OSC1 Input Clock
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillator to provide the
SYS_CLK2 clock input to the system. The external connections to support this are shown in, Figure 5-11.
The xi_osc1 pin is connected to the 1.8-V LVCMOS-Compatible clock sources. The xo_osc1 pin is left
unconnected. The vssa_osc1 pin is connected to board ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com