Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 61 Page - Texas Instruments

Back Button DM505 Datasheet HTML 57Page - Texas Instruments DM505 Datasheet HTML 58Page - Texas Instruments DM505 Datasheet HTML 59Page - Texas Instruments DM505 Datasheet HTML 60Page - Texas Instruments DM505 Datasheet HTML 61Page - Texas Instruments DM505 Datasheet HTML 62Page - Texas Instruments DM505 Datasheet HTML 63Page - Texas Instruments DM505 Datasheet HTML 64Page - Texas Instruments DM505 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 286 page
background image
61
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-27. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdd
Core voltage domain supply
PWR
H7 , H12 , H13 , J10 ,
J11 , J15 , K12 , L12 ,
L15 , N12 , N16 ,
P10 , P14
vss
Ground
GND
A1 , A8 , A17 , A22 ,
B22 , E1 , G10 ,
G16 , H8 , H9 , H10 ,
H11 , H15 , H16 ,
J22 , K1 , K9 , K10 ,
K11 , K13 , K14 ,
K15 , K16 , M10 ,
M11 , M12 , M13 ,
M16 , N7 , N10 , P1 ,
P15 , P16 , R9 , R12 ,
R16 , T14 , V22 ,
AB1 , AB2 , AB7 ,
AB12 , AB16 , AB21 ,
AB22
vdd_dspeve
DSP-EVE voltage domain supply
PWR
K8 , L8 , M9 , P8 ,
P9 , P11 , P12
vdda_per
PER PLL and PER HSDIVIDER analog power supply
PWR
H14
vdda_ddr_dsp
EVE PLL, DPLL_DDR and DDR HSDIVIDER analog power supply
PWR
N8
vdda_gmac_core
GMAC PLL, GMAC HSDIVIDER, DPLL_CORE and CORE HSDIVIDER
analog power supply
PWR
M8
vdda_osc
IO supply for oscillator section
PWR
E21
vssa_osc0
OSC0 analog ground
GND
D21
vssa_osc1
OSC1 analog ground
GND
C22
vdda_csi
CSI analog power supply
PWR
A14
vssa_csi
CSI analog ground
GND
B14
vdda_dac
DAC analog power supply
PWR
U19
vssa_dac
DAC analog ground
GND
T19
vdda_adc
ADC analog power supply
PWR
P22
vssa_adc
ADC analog ground
GND
P21
vdds18v
1.8V power supply and Power Group bias supply
PWR
G12, J7, L16, P13,
T11
vdds18v_ddr1
1.8v bias supply for Byte0, Byte2, ECC Byte, Addr Cmd
PWR
P7, T9
vdds18v_ddr2
1.8v bias supply for Addr Cmd
PWR
G7
vdds18v_ddr3
1.8v bias supply for Byte1, Byte3
PWR
T16, V21
vdds_ddr1
IO power supply for Byte0, Byte2, ECC Byte, Addr Cmd
PWR
R1, T7, T8, AA1, AB6
vdds_ddr2
IO power supply for Addr Cmd
PWR
C2, E2, G6
vdds_ddr3
IO power supply for Byte1, Byte3
PWR
T15, AA22, AB19
vddshv1
Dual Voltage (1.8V or 3.3V) power supply for the GENERAL Power
Group pins
PWR
K2, K7, L7, M7
vddshv2
Dual Voltage (1.8V or 3.3V) power supply for the GPMC Power Group
pins
PWR
G8, G9, G11, B8
vddshv3
Dual Voltage (1.8V or 3.3V) power supply for the UART1 and UART2
Power Group pins
PWR
G14
vddshv4
Dual Voltage (1.8V or 3.3V) power supply for the RGMII Power Group
pins
PWR
A18, E20
vddshv5
Dual Voltage (1.8V or 3.3V) power supply for the VIN1 Power Group
pins
PWR
H17, J16, J21
vddshv6
Dual Voltage (1.8V or 3.3V) power supply for the VOUT1 Power Group
pins
PWR
T10, T12, T13, AA16
cap_vddram_core1(1)
SRAM array supply for core voltage domain memories
CAP
N15
cap_vddram_core2(1)
SRAM array supply for core voltage domain memories
CAP
M15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com