Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 89 Page - Texas Instruments

Back Button DM505 Datasheet HTML 85Page - Texas Instruments DM505 Datasheet HTML 86Page - Texas Instruments DM505 Datasheet HTML 87Page - Texas Instruments DM505 Datasheet HTML 88Page - Texas Instruments DM505 Datasheet HTML 89Page - Texas Instruments DM505 Datasheet HTML 90Page - Texas Instruments DM505 Datasheet HTML 91Page - Texas Instruments DM505 Datasheet HTML 92Page - Texas Instruments DM505 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 286 page
background image
89
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.6
Power Consumption Summary
NOTE
Maximum power consumption for this SoC depends on the specific use conditions for the
end system. Contact your TI representative for assistance in estimating maximum power
consumption for the end system use case.
5.7
Electrical Characteristics
NOTE
The data specified in Table 5-6 through Table 5-11 are subject to change.
NOTE
The interfaces or signals described in Table 5-6 through Table 5-11 correspond to the
interfaces or signals available in multiplexing mode 0 (Function 1).
All interfaces or signals multiplexed on the balls described in these tables have the same DC
electrical characteristics, unless multiplexing involves a PHY/GPIO combination in which
case different DC electrical characteristics are specified for the different multiplexing modes
(Functions).
Table 5-6. LVCMOS DDR DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0 (Single-Ended Signals) ABF: ddr1_d[31:0], ddr1_a[15:0], ddr1_dqm[3:0], ddr1_ba[2:0], ddr1_csn[1:0],
ddr1_cke[1:0], ddr1_odt[0], ddr1_casn, ddr1_rasn, ddr1_wen, ddr1_rst, ddr1_ecc_d[7:0], ddr1_dqm_ecc;
Driver Mode
VOH
High-level output threshold (IOH = 0.1 mA)
0.9*VDDS
V
VOL
Low-level output threshold (IOL = 0.1 mA)
0.1*VDDS
V
CPAD
Pad capacitance (including package capacitance)
3
pF
ZO
Output impedance (drive
strength)
l[2:0] = 000
(Imp80)
80
Ω
l[2:0] = 001
(Imp60)
60
l[2:0] = 010
(Imp48)
48
l[2:0] = 011
(Imp40)
40
l[2:0] = 100
(Imp34)
34
Single-Ended Receiver Mode
VIH
High-level input threshold
DDR3/DDR3L
VREF+0.1
VDDS+0.2
V
VIL
Low-level input threshold
DDR3/DDR3L
-0.2
VREF-0.1
V
VCM
Input common-mode voltage
VREF -
1%VDDS
VREF+
1%VDDS
V
CPAD
Pad capacitance (including package capacitance)
pF
Signal Names in MUXMODE 0 (Differential Signals): ddr1_dqs[3:0], ddr1_dqsn[3:0], ddr1_ck, ddr1_nck, ddr1_dqs_ecc, ddr1_dqsn_ecc;
Driver Mode
VOH
High-level output threshold (IOH = 0.1 mA)
0.9*VDDS
V
VOL
Low-level output threshold (IOL = 0.1 mA)
0.1*VDDS
V
CPAD
Pad capacitance (including package capacitance)
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com